Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO4-168P Datasheet(PDF) 1 Page - Amphenol Corporation

Part # IO4-168P
Description  Amphenol짰 Low Mating Force Rectangular Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

IO4-168P Datasheet(HTML) 1 Page - Amphenol Corporation

  IO4-168P Datasheet HTML 1Page - Amphenol Corporation IO4-168P Datasheet HTML 2Page - Amphenol Corporation IO4-168P Datasheet HTML 3Page - Amphenol Corporation IO4-168P Datasheet HTML 4Page - Amphenol Corporation IO4-168P Datasheet HTML 5Page - Amphenol Corporation IO4-168P Datasheet HTML 6Page - Amphenol Corporation IO4-168P Datasheet HTML 7Page - Amphenol Corporation IO4-168P Datasheet HTML 8Page - Amphenol Corporation IO4-168P Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Amphenol® Bristle Brush Contact:
Multiple Strands of High Tensile Strength
Wires Bundled Together, Providing Superior
Electrical Connection with Low Mating Force
Amphenol’s Broad Family
of Low Mating Force
Interconnect Products
with Brush Contacts
The Bristle Brush contact has been
proven in military avionics pack-
ages and meets the requirements
of MIL-DTL-55302. It provides high
density in tighter spacing, low mat-
ing/unmating forces, proven durabil-
ity and long contact life. Applications
for Amphenol® Connectors with
Brush contacts include:
• Medical equipment
• IC chip testers
• Telecommunications
• Military and Commercial Aviation
• Military Ground Vehicles
• GPS systems
Other Similar Rectangular
Connectors from Amphenol
For more information, see additional Amphenol
Rectangular Products at the end of this catalog.
Design Flexibility -
Combination of Brush
Contacts and Fiber
Optic Termini
Combination of Brush
Contacts, Coax and
Power Contacts
Power Strip Connector
Series with cavities for
size 16 or 12 power
contacts (or size 16 or
12 coax contacts).
Hybrid Custom
Connector with Brush
Contacts and
Power Contacts
Docking Connectors -
The Brush Contact
offers high performance
where frequent docking
to charge and transfer
data is a necessity.
High Density
HDB3 and HSB3 Series
LRM (Line Replaceable Module)
Interconnects
Ruggedized
Brush Rack & Panel
Connectors
Ruggedized
VME64x Interconnects
High Speed LRM
Gigastak &
Digastak Inserts
Amphenol® Low Mating Force
Rectangular Connectors
12-035-12
www.amphenol-aerospace.com
Visit our website and see the very broad range of cylindrical and
rectangular interconnection products from Amphenol Aerospace.
Amphenol Corporation
Amphenol Aerospace Operations
40-60 Delaware Avenue, Sidney, New York 13838-1395
Phone: 800-678-0141 or 607-563-5011 Fax: 607-563-5157
www.amphenol-aerospace.com
Amphenol
Aerospace
MIL-DTL-55302
BRUSH CONTACT TECHNOLOGY


Similar Description - IO4-168P

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
IAM-D82 MITSUMI-IAM-D82 Datasheet
97Kb / 4P
Rectangular Connectors
logo
Molex Electronics Ltd.
0462355004 MOLEX6-0462355004 Datasheet
169Kb / 2P
Micro-Fit 3.0??High Mating Cycle, Reduced Mating Force, Crimp Terminal
0561218628 MOLEX7-0561218628 Datasheet
115Kb / 3P
CRC??Shielded Rectangular I/O Female Terminal, Signal, Low-Insertion Force TypeReel
logo
ITT Industries
DL1 ITT-DL1 Datasheet
3Mb / 76P
ZERO INSERTION FORCE CONNECTORS
logo
fujitsu semiconductor
FCN-361J024-AU FUJITSU-FCN-361J024-AU Datasheet
1Mb / 33P
RECTANGULAR CONNECTORS
logo
Amphenol Corporation
PC2-030P-701 AMPHENOL-PC2-030P-701 Datasheet
5Mb / 44P
Amphenol Low Mating Force Rectangular Connectors
logo
fujitsu semiconductor
FCN-360A1 FUJITSU-FCN-360A1 Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS
logo
Amphenol Corporation
L77TWB5W5S AMPHENOL-L77TWB5W5S Datasheet
83Kb / 1P
mating and unmating force 83n max
logo
Japan Aviation Electron...
KN06-KEY JAE-KN06-KEY Datasheet
70Kb / 3P
CONN RECTANGULAR MIS-MATING PREV
logo
TE Connectivity Ltd
2-1746741-6 TEC-2-1746741-6 Datasheet
122Kb / 5P
Standard Rectangular Connectors, Connector Assembly, Receptacle, Mating Alignment, Polarization Mating Alignment Type, RITS Socket Connectors
09/30/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com