Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9765ASTZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9765ASTZ
Description  10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9765ASTZ Datasheet(HTML) 5 Page - Analog Devices

  AD9765ASTZ Datasheet HTML 1Page - Analog Devices AD9765ASTZ Datasheet HTML 2Page - Analog Devices AD9765ASTZ Datasheet HTML 3Page - Analog Devices AD9765ASTZ Datasheet HTML 4Page - Analog Devices AD9765ASTZ Datasheet HTML 5Page - Analog Devices AD9765ASTZ Datasheet HTML 6Page - Analog Devices AD9765ASTZ Datasheet HTML 7Page - Analog Devices AD9765ASTZ Datasheet HTML 8Page - Analog Devices AD9765ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Data Sheet
AD9763/AD9765/AD9767
Rev. G | Page 5 of 44
SPECIFICATIONS
DC SPECIFICATIONS
TMIN to TMAX, AVDD = 3.3 V or 5 V, DVDD1 = DVDD2 = 3.3 V or 5 V, IOUTFS = 20 mA, unless otherwise noted.
Table 1.
AD9763
AD9765
AD9767
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
10
12
14
Bits
DC ACCURACY1
Integral Linearity Error (INL)
−1
±0.1
+1
LSB
TA = 25°C
−1.5
±0.4
+1.5
−3.5
±1.5
+3.5
LSB
TMIN to TMAX
−2.0
+2.0
−4.0
+4.0
LSB
Differential Nonlinearity (DNL)
LSB
TA = 25°C
−0.5
±0.07
+0.5
−0.75
±0.3
+0.75
−2.5
±1.0
+2.5
LSB
TMIN to TMAX
−1.0
+1.0
−3.0
+3.0
LSB
ANALOG OUTPUT
Offset Error
−0.02
+0.02
−0.02
+0.02
−0.02
+0.02
% of FSR
Gain Error Without Internal Reference
−2
±0.25
+2
−2
±0.25
+2
−2
±0.25
+2
% of FSR
Gain Error with Internal Reference
−5
±1
+5
−5
±1
+5
−5
±1
+5
% of FSR
Gain Match
−1.6
±0.1
+1.6
−1.6
±0.1
+1.6
−1.6
±0.1
+1.6
% of FSR
−0.14
+0.14
−0.14
+0.14
−0.14
+0.14
dB
Full-Scale Output Current2
2.0
20.0
2.0
20.0
2.0
20.0
mA
Output Compliance Range
−1.0
+1.25
−1.0
+1.25
−1.0
+1.25
V
Output Resistance
100
100
100
kΩ
Output Capacitance
5
5
5
pF
REFERENCE OUTPUT
Reference Voltage
1.14
1.20
1.26
1.14
1.20
1.26
1.14
1.20
1.26
V
Reference Output Current3
100
100
100
nA
REFERENCE INPUT
Input Compliance Range
0.1
1.25
0.1
1.25
0.1
1.25
V
Reference Input Resistance
1
1
1
MΩ
Small-Signal Bandwidth
0.5
0.5
0.5
MHz
TEMPERATURE COEFFICIENTS
Offset Drift
0
0
0
ppm of FSR/°C
Gain Drift Without Internal Reference
±50
±50
±50
ppm of FSR/°C
Gain Drift with Internal Reference
±100
±100
±100
ppm of FSR/°C
Reference Voltage Drift
±50
±50
±50
ppm/°C
POWER SUPPLY
Supply Voltages
AVDD
3
5
5.5
3
5
5.5
3
5
5.5
V
DVDD1, DVDD2
2.7
5
5.5
2.7
5
5.5
2.7
5
5.5
V
Analog Supply Current (IAVDD)
71
75
71
75
71
75
mA
Digital Supply Current (IDVDD)4
5
7
5
7
5
7
mA
Digital Supply Current (IDVDD)5
15
15
15
mA
Supply Current Sleep Mode (IAVDD)
8
12.0
8
12.0
8
12.0
mA
Power Dissipation4 (5 V, IOUTFS = 20 mA)
380
410
380
410
380
410
mW
Power Dissipation5 (5 V, IOUTFS = 20 mA)
420
450
420
450
420
450
mW
Power Dissipation6 (5 V, IOUTFS = 20 mA)
450
450
450
mW
Power Supply Rejection Ratio7—AVDD
–0.4
+0.4
–0.4
+0.4
–0.4
+0.4
% of FSR/V
Power Supply Rejection Ratio7—DVDD
–0.025
+0.025
–0.025
+0.025
–0.025
+0.025
% of FSR/V
OPERATING RANGE
–40
+85
–40
+85
–40
+85
°C
1 Measured at IOUTA, driving a virtual ground.
2 Nominal full-scale current, IOUTFS, is 32 times the IREF current.
3 An external buffer amplifier with input bias current <100 nA should be used to drive any external load.
4 Measured at fCLK = 25 MSPS and fOUT = 1.0 MHz.
5 Measured at fCLK = 100 MSPS and fOUT = 1 MHz.
6 Measured as unbuffered voltage output with IOUTFS = 20 mA and RLOAD = 50 Ω at IOUTA and IOUTB, fCLK = 100 MSPS, and fOUT = 40 MHz.
7 ±10% power supply variation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com