Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9765ASTZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9765ASTZ
Description  10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9765ASTZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9765ASTZ Datasheet HTML 9Page - Analog Devices AD9765ASTZ Datasheet HTML 10Page - Analog Devices AD9765ASTZ Datasheet HTML 11Page - Analog Devices AD9765ASTZ Datasheet HTML 12Page - Analog Devices AD9765ASTZ Datasheet HTML 13Page - Analog Devices AD9765ASTZ Datasheet HTML 14Page - Analog Devices AD9765ASTZ Datasheet HTML 15Page - Analog Devices AD9765ASTZ Datasheet HTML 16Page - Analog Devices AD9765ASTZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Data Sheet
AD9763/AD9765/AD9767
Rev. G | Page 13 of 44
80
75
50
70
65
60
55
45
85
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
fOUT = 1MHz
fOUT = 10MHz
fOUT = 25MHz
fOUT = 40MHz
fOUT = 60MHz
Figure 18. SFDR vs. Temperature @ fCLK = 125 MSPS, 0 dBFS
0.05
–0.05
0.03
0
–0.03
1.0
–1.0
0.5
0
–0.5
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
GAIN ERROR
OFFSET ERROR
Figure 19. Gain and Offset Error vs. Temperature @ fCLK = 125 MSPS
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
FREQUENCY (MHz)
0
10
203040
Figure 20. Single-Tone SFDR @ fCLK = 125 MSPS
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0
10203040
Figure 21. Dual-Tone SFDR @ fCLK = 125 MSPS
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0
10203040
Figure 22. Four-Tone SFDR @ fCLK = 125 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com