Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9765ASTZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9765ASTZ
Description  10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9765ASTZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9765ASTZ Datasheet HTML 4Page - Analog Devices AD9765ASTZ Datasheet HTML 5Page - Analog Devices AD9765ASTZ Datasheet HTML 6Page - Analog Devices AD9765ASTZ Datasheet HTML 7Page - Analog Devices AD9765ASTZ Datasheet HTML 8Page - Analog Devices AD9765ASTZ Datasheet HTML 9Page - Analog Devices AD9765ASTZ Datasheet HTML 10Page - Analog Devices AD9765ASTZ Datasheet HTML 11Page - Analog Devices AD9765ASTZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
AD9763/AD9765/AD9767
Data Sheet
Rev. G | Page 8 of 44
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 4.
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Parameter
With
Respect To
Rating
AVDD
ACOM
−0.3 V to +6.5 V
DVDD1, DVDD2
DCOM1/DCOM2
−0.3 V to +6.5 V
ACOM
DCOM1/DCOM2
−0.3 V to +0.3 V
AVDD
DVDD1/DVDD2
−6.5 V to +6.5 V
MODE,
CLK1/IQCLK,
CLK2/IQRESET,
WRT1/IQWRT,
WRT2/IQSEL
DCOM1/DCOM2
−0.3 V to DVDD1/
DVDD2 + 0.3 V
Digital Inputs
DCOM1/DCOM2
−0.3 V to DVDD1/
DVDD2 + 0.3 V
IOUTA1/IOUTA2,
IOUTB1/IOUTB2
ACOM
−1.0 V to AVDD + 0.3 V
REFIO, FSADJ1,
FSADJ2
ACOM
−0.3 V to AVDD + 0.3 V
GAINCTRL, SLEEP
ACOM
−0.3 V to AVDD + 0.3 V
Junction
Temperature
150°C
Storage
Temperature
Range
−65°C to +150°C
Lead Temperature
(10 sec)
300°C
Table 5. Thermal Resistance
Package Type
θJA
Unit
48-Lead LQFP
91
°C/W
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com