Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9765ASTZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9765ASTZ
Description  10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9765ASTZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9765ASTZ Datasheet HTML 2Page - Analog Devices AD9765ASTZ Datasheet HTML 3Page - Analog Devices AD9765ASTZ Datasheet HTML 4Page - Analog Devices AD9765ASTZ Datasheet HTML 5Page - Analog Devices AD9765ASTZ Datasheet HTML 6Page - Analog Devices AD9765ASTZ Datasheet HTML 7Page - Analog Devices AD9765ASTZ Datasheet HTML 8Page - Analog Devices AD9765ASTZ Datasheet HTML 9Page - Analog Devices AD9765ASTZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
AD9763/AD9765/AD9767
Data Sheet
Rev. G | Page 6 of 44
DYNAMIC SPECIFICATIONS
TMIN to TMAX, AVDD = 3.3 V or 5 V, DVDD1 = DVDD2 = 3.3 V or 5 V, IOUTFS = 20 mA, differential transformer-coupled output, 50 Ω
doubly terminated, unless otherwise noted.
Table 2.
AD9763
AD9765
AD9767
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum Output Update Rate (fCLK)
125
125
125
MSPS
Output Settling Time (tST) to 0.1%1
35
35
35
ns
Output Propagation Delay (tPD)
1
1
1
ns
Glitch Impulse
5
5
5
pV-s
Output Rise Time (10% to 90%)1
2.5
2.5
2.5
ns
Output Fall Time (90% to 10%)1
2.5
2.5
2.5
ns
Output Noise (IOUTFS = 20 mA)
50
50
50
pA/√Hz
Output Noise (IOUTFS = 2 mA)
30
30
30
pA/√Hz
AC LINEARITY
Spurious-Free Dynamic Range to Nyquist
fCLK = 100 MSPS, fOUT = 1.00 MHz
0 dBFS Output
69
78
70
81
71
82
dBc
–6 dBFS Output
74
77
77
dBc
–12 dBFS Output
69
72
73
dBc
–18 dBFS Output
61
70
70
dBc
fCLK = 65 MSPS, fOUT = 1.00 MHz
79
81
82
dBc
fCLK = 65 MSPS, fOUT = 2.51 MHz
78
79
80
dBc
fCLK = 65 MSPS, fOUT = 5.02 MHz
75
78
79
dBc
fCLK = 65 MSPS, fOUT = 14.02 MHz
66
68
70
dBc
fCLK = 65 MSPS, fOUT = 25 MHz
55
55
55
dBc
fCLK = 125 MSPS, fOUT = 25 MHz
67
67
67
dBc
fCLK = 125 MSPS, fOUT = 40 MHz
60
60
70
dBc
Spurious-Free Dynamic Range Within a Window
fCLK = 100 MSPS, fOUT = 1.00 MHz; 2 MHz Span
78
85
80
90
82
91
dBc
fCLK = 50 MSPS, fOUT = 5.02 MHz; 10 MHz Span
80
88
88
dBc
fCLK = 65 MSPS, fOUT = 5.03 MHz; 10 MHz Span
82
88
88
dBc
fCLK = 125 MSPS, fOUT = 5.04 MHz; 10 MHz Span
82
88
88
dBc
Total Harmonic Distortion
fCLK = 100 MSPS, fOUT = 1.00 MHz
−77
−69
−80
–70
−81
−71
dBc
fCLK = 50 MSPS, fOUT = 2.00 MHz
−77
−78
−79
dBc
fCLK = 125 MSPS, fOUT = 4.00 MHz
−74
−75
−83
dBc
fCLK = 125 MSPS, fOUT = 10.00 MHz
−72
−75
−80
dBc
Multitone Power Ratio (Eight Tones at 110 kHz Spacing)
fCLK = 65 MSPS, fOUT = 2.00 MHz to 2.99 MHz
0 dBFS Output
76
80
80
dBc
−6 dBFS Output
74
79
79
dBc
−12 dBFS Output
71
77
78
dBc
−18 dBFS Output
67
75
76
dBc
Channel Isolation
fCLK = 125 MSPS, fOUT = 10 MHz
85
85
85
dBc
fCLK = 125 MSPS, fOUT = 40 MHz
77
77
77
dBc
1 Measured single-ended into 50 Ω load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com