Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 213 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 213 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 209Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 210Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 211Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 212Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 213Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 214Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 215Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 216Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 217Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 213
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
11.2
Open-Drain Configuration
In addition to the PORT, LAT and TRIS registers for
data control, some digital-only port pins can also be
individually configured for either digital or open-drain
output. This is controlled by the Open-Drain Control
register, ODCx, associated with each port. Setting any
of the bits configures the corresponding pin to act as an
open-drain output.
The open-drain feature allows the generation of
outputs higher than VDD (for example, 5V) on any
desired 5V tolerant pins by using external pull-up
resistors. The maximum open-drain voltage allowed is
the same as the maximum VIH specification.
Refer to “Pin Diagrams” for the available pins and
their functionality.
11.3
Configuring Analog Port Pins
The ADPCFG and TRIS registers control the operation
of the analog-to-digital port pins. The port pins that are
to function as analog inputs must have their corre-
sponding TRIS bit set (input). If the TRIS bit is cleared
(output), the digital output level (VOH or VOL) will be
converted.
The ADPCFG and ADPCFG2 registers have a default
value of 0x000; therefore, all pins that share ANx
functions are analog (not digital) by default.
When the PORT register is read, all pins configured as
analog input channels will read as cleared (a low level).
Pins configured as digital inputs will not convert an
analog input. Analog levels on any pin defined as a
digital input (including the ANx pins) can cause the
input buffer to consume current that exceeds the
device specifications.
11.4
I/O Port Write/Read Timing
One instruction cycle is required between a port direction
change or port write operation and a read operation of
the same port. Typically, this instruction would be a NOP.
An example is shown in Example 11-1.
11.5
Input Change Notification
The input change notification function of the I/O
ports allows the dsPIC33FJ32GS406/606/608/610
and dsPIC33FJ64GS406/606/608/610 devices to gen-
erate interrupt requests to the processor in response to
a Change-of-State (COS) on selected input pins. This
feature can detect input Change-of-States even in
Sleep mode, when the clocks are disabled. Depending
on the device pin count, up to 30 external signals (CNx
pin) can be selected (enabled) for generating an
interrupt request on a Change-of-State.
Four control registers are associated with the CN
module. The CNEN1 and CNEN2 registers contain the
interrupt enable control bits for each of the CN input
pins. Setting any of these bits enables a CN interrupt
for the corresponding pins.
Each CN pin also has a weak pull-up connected to it.
The pull-ups act as a current source connected to the
pin, and eliminate the need for external resistors when
the push button or keypad devices are connected. The
pull-ups are enabled separately using the CNPU1 and
CNPU2 registers, which contain the control bits for
each of the CN pins. Setting any of the control bits
enables the weak pull-ups for the corresponding pins.
EQUATION 11-1:
PORT WRITE/READ EXAMPLE
Note:
Pull-ups on change notification pins
should always be disabled when the port
pin is configured as a digital output.
MOV
0xFF00, W0
; Configure PORTB<15:8> as inputs
MOV
W0, TRISBB
; and PORTB<7:0> as outputs
NOP
; Delay 1 cycle
BTSS
PORTB, #13
; Next Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com