Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 215 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 215 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 211Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 212Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 213Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 214Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 215Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 216Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 217Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 218Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 215
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
12.0 TIMER1
The Timer1 module is a 16-bit timer, which can serve
as a time counter for the Real-Time Clock (RTC), or
operate as a free-running interval timer/counter.
The Timer1 module has the following unique features
over other timers:
• Can be operated from the low-power 32.767 kHz
crystal oscillator available on the device
• Can be operated in Asynchronous Counter mode
from an external clock source.
• The external clock input (T1CK) can optionally be
synchronized to the internal device clock and the
clock synchronization is performed after the
prescaler.
The unique features of Timer1 allow it to be used for
Real-Time Clock (RTC) applications. A block diagram
of Timer1 is shown in Figure 12-1.
The Timer1 module can operate in one of the following
modes:
• Timer mode
• Gated Timer mode
• Synchronous Counter mode
• Asynchronous Counter mode
In Timer and Gated Timer modes, the input clock is
derived from the internal instruction cycle clock (FCY).
In Synchronous and Asynchronous Counter modes,
the input clock is derived from the external clock input
at the T1CK pin.
The Timer modes are determined by the following bits:
• Timer Clock Source Control bit: TCS (T1CON<1>)
• Timer Synchronization Control bit: TSYNC
(T1CON<2>)
• Timer Gate Control bit: TGATE (T1CON<6>)
The timer control bit settings for different operating
modes are given in the Table 12-1.
TABLE 12-1:
TIMER MODE SETTINGS
FIGURE 12-1:
16-BIT TIMER1 MODULE BLOCK DIAGRAM
Note 1: This data sheet summarizes the features
of the dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610
families of devices. It is not intended to be
a comprehensive reference source. To
complement the information in this data
sheet, refer to Section 11. “Timers”
(DS70205) in the “dsPIC33F/PIC24H
Family Reference Manual”, which is
available from the Microchip web site
(www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
Mode
TCS
TGATE
TSYNC
Timer
00
x
Gated Timer
01
x
Synchronous
Counter
1x
1
Asynchronous
Counter
1x
0
TGATE
TCS
00
10
x1
Comparator
PR1
TGATE
Set T1IF Flag
0
1
TSYNC
1
0
Sync
Equal
Reset
T1CK
Prescaler
(/n)
TCKPS<1:0>
Gate
Sync
FCY
Falling Edge
Detect
Prescaler
(/n)
TCKPS<1:0>
TMR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com