Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 218 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 218 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 214Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 215Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 216Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 217Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 218Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 219Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 220Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 221Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 222Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 218
 2009-2012 Microchip Technology Inc.
The Timer2/3/4/5 modules can operate in one of the
following modes:
• Timer mode
• Gated Timer mode
• Synchronous Counter mode
In Timer and Gated Timer modes, the input clock is
derived from the internal instruction cycle clock (FCY).
In Synchronous Counter mode, the input clock is
derived from the external clock input at the TxCK pin.
The timer modes are determined by the following bits:
• TCS (TxCON<1>): Timer Clock Source Control bit
• TGATE (TxCON<6>): Timer Gate Control bit
Timer control bit settings for different operating modes
are given in the Table 13-1.
TABLE 13-1:
TIMER MODE SETTINGS
13.1
16-Bit Operation
To configure any of the timers for individual 16-bit
operation:
1.
Clear the T32 bit corresponding to that timer.
2.
Select the timer prescaler ratio using the
TCKPS<1:0> bits.
3.
Set the Clock and Gating modes using the TCS
and TGATE bits.
4.
Load the timer period value into the PRx
register.
5.
If interrupts are required, set the interrupt enable
bit, TxIE. Use the priority bits, TxIP<2:0>, to set
the interrupt priority.
6.
Set the TON bit.
13.2
32-Bit Operation
A 32-bit timer module can be formed by combining a
Type B and a Type C 16-bit timer module. For 32-bit
timer operation, the T32 control bit in the Type B Timer
Control (TxCON<3>) register must be set. The Type C
timer holds the most significant word (msw) and the
Type B timer holds the least significant word (lsw)
for 32-bit operation.
When configured for 32-bit operation, only the Type B
Timerx Control (TxCON) register bits are required for
setup and control while the Type C Timer Control
register bits are ignored (except the TSIDL bit).
For interrupt control, the combined 32-bit timer uses
the interrupt enable, interrupt flag and interrupt priority
control bits of the Type C timer. The interrupt control
and status bits for the Type B timer are ignored
during 32-bit timer operation.
The timers that can be combined to form a 32-bit timer
are listed in Table 13-2.
TABLE 13-2:
32-BIT TIMER
A block diagram representation of the 32-bit timer
module is shown in Figure 13-3. The 32-timer module
can operate in one of the following modes:
• Timer mode
• Gated Timer mode
• Synchronous Counter mode
To configure the timer features for 32-bit operation:
1.
Set the T32 control bit.
2.
Select the prescaler ratio for Timer2 using the
TCKPS<1:0> bits.
3.
Set the Clock and Gating modes using the
corresponding TCS and TGATE bits.
4.
Load the timer period value. PR3 contains the
most significant word of the value, while PR2
contains the least significant word.
5.
If interrupts are required, set the interrupt enable
bit, T3IE. Use the priority bits, T3IP<2:0>, to set
the interrupt priority. While Timer2 controls the
timer, the interrupt appears as a Timer3
interrupt.
6.
Set the corresponding TON bit.
Mode
TCS
TGATE
Timer
00
Gated Timer
01
Synchronous Counter
1x
Type B Timer (lsw)
Type C Timer (msw)
Timer2
Timer3
TImer4
Timer5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com