Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 217 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 217 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 213Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 214Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 215Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 216Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 217Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 218Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 219Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 220Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 221Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 217
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
13.0 TIMER2/3/4/5 FEATURES
Timer2 and Timer4 are Type B timers that offer the
following major features:
• A Type B Timer can be Concatenated with a
Type C Timer to form a 32-Bit Timer
• External Clock Input (TxCK) is Always Synchronized
to the Internal Device Clock and the Clock
Synchronization is Performed after the Prescaler
Figure 13-1 shows a block diagram of the Type B timer.
Timer3 and Timer5 are Type C timers that offer the
following major features:
• A Type C Timer can be Concatenated with a
Type B Timer to form a 32-Bit Timer
• At Least One Type C Timer has the Ability to
Trigger an Analog-to-Digital Conversion
• External Clock Input (TxCK) is Always Synchronized
to the Internal Device Clock and the Clock
Synchronization is Performed before the Prescaler
A block diagram of the Type C timer is shown in
Figure 13-2.
FIGURE 13-1:
TYPE B TIMER BLOCK DIAGRAM (x = 2, 4)
FIGURE 13-2:
TYPE C TIMER BLOCK DIAGRAM (x = 3, 5)
Note 1: This data sheet summarizes the features
of the dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610
families of devices. It is not intended to be
a comprehensive reference source. To
complement the information in this data
sheet, refer to Section 11. “Timers”
(DS70205) in the “dsPIC33F/PIC24H
Family Reference Manual”, which is
available from the Microchip web site
(www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
Note:
Timer3 is not available on all devices.
Prescaler
(/n)
TGATE
TCS
00
10
x1
TMRx
Comparator
TGATE
Set TxIF Flag
0
1
Sync
TCKPS<1:0>
Equal
Reset
TxCK
FCY
Prescaler
(/n)
TCKPS<1:0>
Falling Edge
Detect
Gate
Sync
PRx
TGATE
TCS
00
10
x1
Comparator
FCY
TGATE
Set TxIF Flag
0
1
TCKPS<1:0>
Equal
Reset
TxCK
ADC SOC Trigger
Prescaler
(/n)
TCKPS<1:0>
Sync
Prescaler
(/n)
PRx
TMRx
Gate
Sync
Falling Edge
Detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com