Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 418 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 418 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 414Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 415Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 416Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 417Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 418Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 419Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 420Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 421Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 422Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 418
 2009-2012 Microchip Technology Inc.
TABLE 28-6:
TIMER1 EXTERNAL CLOCK TIMING REQUIREMENTS(1)
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
MTA10 TTXH
T1CK High
Time
Synchronous,
no prescaler
TCY + 15
—
—
ns
Must also meet
Parameter TA15,
N = prescale value
(1, 8, 64, 256)
Synchronous,
with prescaler
(TCY + 15)/N
—
—
ns
Asynchronous
15
—
—
ns
MTA11 TTXL
T1CK Low
Time
Synchronous,
no prescaler
(TCY + 15)
—
—
ns
Must also meet
Parameter TA15,
N = prescale value
(1, 8, 64, 256)
Synchronous,
with prescaler
(TCY + 20)/N
—
—
ns
Asynchronous
15
—
—
ns
MTA15 TTXP
T1CK Input
Period
Synchronous,
no prescaler
2 TCY + 30
—
—
ns
Synchronous,
with prescaler
Greater of:
40 ns or
(2 TCY + 30)/N
—
—
—
N = prescale value
(1, 8, 64, 256)
Asynchronous
30
—
—
ns
MOS60 Ft1
SOSCI/T1CK Oscillator
Input Frequency Range
(oscillator is enabled by
setting bit, TCS
(T1CON<1>))
DC
—
50
kHz
MTA20 TCKEXTMRL Delay from External T1CK
Clock Edge to Timer
Increment
0.75 TCY + 30
—
1.75 TCY + 30
—
Note 1: Timer1 is a Type A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com