Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 417 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 417 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 413Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 414Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 415Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 416Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 417Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 418Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 419Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 420Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 421Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 417
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
28.2
AC Characteristics and Timing Parameters
This section defines the dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610 AC characteristics
and timing parameters for 50 MIPS devices.
TABLE 28-5:
EXTERNAL CLOCK TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
Param
No.
Symb
Characteristic
Min
Typ(1)
Max
Units
Conditions
MOS10 FIN
External CLKI Frequency
(External clocks allowed only
in EC and ECPLL modes)
DC
—
50
MHz
EC
Oscillator Crystal Frequency
3.5
—
10
—
—
—
10
33
50
MHz
kHz
MHz
XT
SOSC
HS
MOS20 TOSC
TOSC = 1/FOSC
10
—
DC
ns
MOS25 TCY
Instruction Cycle Time(2)
20
—
DC
ns
MOS30 TosL,
TosH
External Clock in (OSC1)
High or Low Time
0.375 x TOSC
—
0.625 x TOSC
ns
EC
MOS31 TosR,
TosF
External Clock in (OSC1)
Rise or Fall Time
——
20
ns
EC
MOS40 TckR
CLKO Rise Time(3)
—5.2
—
ns
MOS41 TckF
CLKO Fall Time(3)
—5.2
—
ns
MOS41 GM
External Oscillator
Transconductance
14
16
18
mA/V VDD = 3.3V,
TA = +25ºC
Note 1: Data in “Typ” column is at 3.3V, +25°C unless otherwise stated.
2: Instruction cycle period (TCY) equals two times the input oscillator time base period. All specified values
are based on characterization data for that particular oscillator type under standard operating conditions
with the device executing code. Exceeding these specified limits may result in an unstable oscillator
operation and/or higher than expected current consumption. All devices are tested to operate at “min.”
values with an external clock applied to the OSC1/CLKI pin. When an external clock input is used, the
“max.” cycle time limit is “DC” (no clock) for all devices.
3: Measurements are taken in EC mode. The CLKO signal is measured on the OSC2 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com