Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 413 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 413 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 409Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 410Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 411Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 412Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 413Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 414Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 415Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 416Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 417Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 413
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
28.0 50 MIPS ELECTRICAL CHARACTERISTICS
This section provides an overview of dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
electrical characteristics for devices operating at 50 MIPS.
Specifications are identical to those shown in Section 27.0 “Electrical Characteristics”, with the exception of the
parameters listed in this section.
Absolute maximum ratings for the dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610 50 MIPS
devices are listed below. Exposure to these maximum rating conditions for extended periods can affect device reliability.
Functional operation of the device at these or any other conditions above the parameters indicated in the operation
listings of this specification is not implied.
Absolute Maximum Ratings(1)
Ambient temperature under bias...............................................................................................................-40°C to +85°C
Storage temperature .............................................................................................................................. -65°C to +150°C
Voltage on VDD with respect to VSS ......................................................................................................... -0.3V to +4.0V
Voltage on any pin that is not 5V tolerant, with respect to VSS(2) ................................................... -0.3V to (VDD + 0.3V)
Voltage on any 5V tolerant pin with respect to VSS, when VDD
 3.0V(2) ................................................. -0.3V to +5.6V
Voltage on any 5V tolerant pin with respect to VSS, when VDD < 3.0V(2)........................................ -0.3V to (VDD + 0.3V)
Maximum current out of VSS pin ...........................................................................................................................300 mA
Maximum current into VDD pin(2)...........................................................................................................................250 mA
Maximum current sourced/sunk by any 4x I/O pin..................................................................................................15 mA
Maximum current sourced/sunk by any 8x I/O pin..................................................................................................25 mA
Maximum current sourced/sunk by any 16x I/O pin ................................................................................................45 mA
Maximum current sunk by all ports .......................................................................................................................200 mA
Maximum current sourced by all ports(2)...............................................................................................................200mA
Note 1: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions
above those indicated in the operation listings of this specification is not implied. Exposure to maximum
rating conditions for extended periods may affect device reliability.
2: See the “Pin Diagrams” section for 5V tolerant pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com