Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 411 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 411 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 407Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 408Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 409Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 410Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 411Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 412Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 413Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 414Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 415Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 411
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
FIGURE 27-26:
TIMERQ (QEI MODULE) EXTERNAL CLOCK TIMING CHARACTERISTICS
TABLE 27-46: QEI INDEX PULSE TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Max
Units
Conditions
TQ50
TqIL
Filter Time to Recognize Low,
with Digital Filter
3 * N * TCY
—
ns
N = 1, 2, 4, 16, 32, 64,
128 and 256 (Note 2)
TQ51
TqiH
Filter Time to Recognize High,
with Digital Filter
3 * N * TCY
—
ns
N = 1, 2, 4, 16, 32, 64,
128 and 256 (Note 2)
TQ55
Tqidxr
Index Pulse Recognized to Position
Counter Reset (ungated index)
3 TCY
—ns
—
Note 1: These parameters are characterized but not tested in manufacturing.
2: Alignment of index pulses to QEA and QEB is shown for position counter Reset timing only. Shown for
forward direction only (QEA leads QEB). Same timing applies for reverse direction (QEA lags QEB) but
index pulse recognition occurs on the falling edge.
TQ11
TQ15
TQ10
TQ20
QEB
POSCNT
TABLE 27-47: QEI MODULE EXTERNAL CLOCK TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature -40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Typ
Max
Units
Conditions
TQ10
TtQH
TQCK High Time
Synchronous,
with prescaler
TCY + 20
—
—
ns
Must also meet
Parameter TQ15
TQ11
TtQL
TQCK Low Time
Synchronous,
with prescaler
TCY + 20
—
—
ns
Must also meet
Parameter TQ15
TQ15
TtQP
TQCP Input
Period
Synchronous,
with prescaler
2 * TCY + 40
—
—
ns
TQ20
TCKEXTMRL Delay from External TxCK Clock
Edge to Timer Increment
0.5 TCY
—
1.5 TCY
—
Note 1: These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com