Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 410 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 410 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 406Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 407Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 408Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 409Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 410Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 411Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 412Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 413Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 414Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 410
 2009-2012 Microchip Technology Inc.
FIGURE 27-25:
QEI MODULE INDEX PULSE TIMING CHARACTERISTICS
TABLE 27-45: QUADRATURE DECODER TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic(1)
Typ(2)
Max
Units
Conditions
TQ30
TQUL
Quadrature Input Low Time
6 TCY
—ns
TQ31
TQUH
Quadrature Input High Time
6 TCY
—ns
TQ35
TQUIN
Quadrature Input Period
12 TCY
—ns
TQ36
TQUP
Quadrature Phase Period
3 TCY
—ns
TQ40
TQUFL
Filter Time to Recognize Low,
with Digital Filter
3 * N * TCY
—
ns
N = 1, 2, 4, 16, 32, 64,
128 and 256 (Note 3)
TQ41
TQUFH
Filter Time to Recognize High,
with Digital Filter
3 * N * TCY
—
ns
N = 1, 2, 4, 16, 32, 64,
128 and 256 (Note 3)
Note 1: These parameters are characterized but not tested in manufacturing.
2: Data in “Typ” column is at 3.3V, +25°C unless otherwise stated.
3: N = Index Channel Digital Filter Clock Divide Select bits. Refer to Section 15. “Quadrature Encoder
Interface (QEI)” (DS70208) in the “dsPIC33F/PIC24H Family Reference Manual”.
QEA
(input)
Ungated
Index
QEB
(input)
TQ55
Index Internal
Position Counter
Reset
TQ50
TQ51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com