Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 409 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 409 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 405Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 406Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 407Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 408Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 409Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 410Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 411Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 412Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 413Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 409
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
FIGURE 27-24:
QEA/QEB INPUT CHARACTERISTICS
TABLE 27-44: DAC OUTPUT BUFFER SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature: -40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param.
No.
Symbol Characteristic
Min
Typ
Max
Units
Comments
DA10
RLOAD
Resistive Output Load
Impedance
3K
—
—
DA11
CLOAD
Output Load
Capacitance
—20
35
pF
DA12
IOUT
Output Current Drive
Strength
200
300
400
A
Sink and source
DA13
VRANGE Full Output Drive
Strength Voltage Range
AVSS + 250 mV
—
AVDD – 900 mV
V
DA14
VLRANGE Output Drive Voltage
Range at Reduced
Current Drive of 50
A
AVSS + 50 mV
—
AVDD – 500 mV
V
DA15
IDD
Current Consumed when
Module is Enabled,
High-Power Mode
—
—
1.3 x IOUT
A
Module will always
consume this current
even if no load is
connected to the
output
DA16
ROUTON Output Impedance when
Module is Enabled
—500
—
TQ30
TQ35
TQ31
QEA
(input)
TQ30
TQ35
TQ31
QEB
(input)
TQ36
QEB
Internal
TQ40
TQ41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com