Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 407 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 407 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 403Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 404Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 405Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 406Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 407Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 408Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 409Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 410Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 411Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 407
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
FIGURE 27-23:
ANALOG-TO-DIGITAL CONVERSION TIMING PER INPUT
TABLE 27-41: 10-BIT, HIGH-SPEED ADC MODULE TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V(2)
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
Clock Parameters
AD50b TAD
ADC Clock Period
35.8
—
—
ns
Conversion Rate
AD55b tCONV
Conversion Time
—
14 TAD
——
AD56b FCNV
Throughput Rate
Devices with Single SAR
—
—
2.0
Msps
Devices with Dual SARs
—
—
4.0
Msps
Timing Parameters
AD63b tDPU
Time to Stabilize Analog Stage
from ADC Off to ADC On(1)
1.0
—
10
s
Note 1: These parameters are characterized but not tested in manufacturing.
2: Overall functional device operation at VBOR < VDD < VDDMIN is guaranteed but not characterized. All
device analog modules such as the ADC, etc., will function but with degraded performance below VDDMIN.
TAD
ADC Data
ADBUFx
98
2
1
0
Old Data
New Data
CONV
ADC Clock
Trigger Pulse
Tconv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com