Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 408 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 408 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 404Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 405Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 406Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 407Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 408Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 409Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 410Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 411Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 412Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 408
 2009-2012 Microchip Technology Inc.
TABLE 27-42: COMPARATOR MODULE SPECIFICATIONS
AC and DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature: -40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param.
No.
Symbol Characteristic
Min
Typ
Max
Units
Comments
CM10
VIOFF
Input Offset Voltage
±5
±15
mV
CM11
VICM
Input Common-Mode
Voltage Range(1)
0—
AVDD – 1.5
V
CM12
VGAIN
Open-Loop Gain(1)
90
——db
CM13
CMRR
Common-Mode
Rejection Ratio(1)
70
——db
CM14
TRESP
Large Signal Response
20
30
ns
V+ input step of 100 mv while
V- input held at AVDD/2. Delay
measured from analog input pin
to PWM output pin.
Note 1: Parameters are for design guidance only and are not tested in manufacturing.
TABLE 27-43: DAC MODULE SPECIFICATIONS
AC and DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature: -40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
. No.
Symbol
Characteristic
Min
Typ
Max
Units
Comments
DA01
EXTREF External Reference Voltage(1)
0—
AVDD – 1.6
V
DA08
INTREF
Internal Reference Voltage(1)
1.25
1.32
1.41
V
DA02
CVRES
Resolution
10 data bits
bits
DA03
INL
Integral Nonlinearity Error
—
±1.0
—
—
AVDD = 3.3V,
DACREF = (AVDD/2)V
DA04
DNL
Differential Nonlinearity Error
—
±0.8
—
LSB
DA05
EOFF
Offset Error
—
±2.0
—
LSB
DA06
EG
Gain Error
—
±2.0
—
LSB
DA07
TSET
Settling Time(1)
—
—
650
nsec Measured when range = 1
(high range) and
CMREF<9:0> transitions
from 0x1FF to 0x300.
Note 1: Parameters are for design guidance only and are not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com