Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 421 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 421 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 417Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 418Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 419Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 420Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 421Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 422Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 423Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 424Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 425Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 456 page
background image
29.0 DC AND AC DEVICE CHARACTERISTICS GRAPHS
FIGURE 29-1:
VOH – 4x DRIVER PINS
FIGURE 29-2:
VOH – 8x DRIVER PINS
FIGURE 29-3:
VOH – 16x DRIVER PINS
Note:
The graphs provided following this note are a statistical summary based on a limited number of samples and are provided for design guidance purposes
only. The performance characteristics listed herein are not tested or guaranteed. In some graphs, the data presented may be outside the specified operating
range (e.g., outside specified power supply range) and therefore, outside the warranted range.
-0.030
-0.025
-0.020
-0.015
-0.010
-0.030
-0.025
-0.020
-0.015
-0.010
-0.005
0.000
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
VOH (V)
3V
3.3V
3.6V
Absolute Maximum
-0.040
-0.035
-0.030
-0.025
-0.020
-0.015
-0.040
-0.035
-0.030
-0.025
-0.020
-0.015
-0.010
-0.005
0.000
0.00
1.00
2.00
3.00
4.00
VOH (V)
3V
3.3V
3.6V
Absolute Maximum
-0.080
-0.070
-0.060
-0.050
-0.040
-0.030
-0.020
-0.080
-0.070
-0.060
-0.050
-0.040
-0.030
-0.020
-0.010
0.000
0.00
1.00
2.00
3.00
4.00
VOH (V)
3V
3.3V
3.6V
Absolute Maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com