Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2515-I/ST Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP2515-I/ST
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-I/ST Datasheet(HTML) 3 Page - Microchip Technology

  MCP2515-I/ST Datasheet HTML 1Page - Microchip Technology MCP2515-I/ST Datasheet HTML 2Page - Microchip Technology MCP2515-I/ST Datasheet HTML 3Page - Microchip Technology MCP2515-I/ST Datasheet HTML 4Page - Microchip Technology MCP2515-I/ST Datasheet HTML 5Page - Microchip Technology MCP2515-I/ST Datasheet HTML 6Page - Microchip Technology MCP2515-I/ST Datasheet HTML 7Page - Microchip Technology MCP2515-I/ST Datasheet HTML 8Page - Microchip Technology MCP2515-I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 3
MCP2515
1.0
DEVICE OVERVIEW
The MCP2515 is a stand-alone CAN controller
developed
to
simplify
applications
that
require
interfacing with a CAN bus. A simple block diagram of
the MCP2515 is shown in Figure 1-1. The device
consists of three main blocks:
1.
The CAN module, which includes the CAN
protocol engine, masks, filters, transmit and
receive buffers.
2.
The control logic and registers that are used to
configure the device and its operation.
3.
The SPI protocol block.
An example system implementation using the device is
shown in Figure 1-2.
1.1
CAN Module
The CAN module handles all functions for receiving
and transmitting messages on the CAN bus. Messages
are transmitted by first loading the appropriate
message buffer and control registers. Transmission is
initiated by using control register bits via the SPI
interface or by using the transmit enable pins. Status
and errors can be checked by reading the appropriate
registers. Any message detected on the CAN bus is
checked for errors and then matched against the user-
defined filters to see if it should be moved into one of
the two receive buffers.
1.2
Control Logic
The control logic block controls the setup and operation
of the MCP2515 by interfacing to the other blocks in
order to pass information and control.
Interrupt pins are provided to allow greater system
flexibility. There is one multi-purpose interrupt pin (as
well as specific interrupt pins) for each of the receive
registers that can be used to indicate a valid message
has been received and loaded into one of the receive
buffers. Use of the specific interrupt pins is optional.
The general purpose interrupt pin, as well as status
registers (accessed via the SPI interface), can also be
used to determine when a valid message has been
received.
Additionally, there are three pins available to initiate
immediate transmission of a message that has been
loaded into one of the three transmit registers. Use of
these
pins
is
optional,
as
initiating
message
transmissions can also be accomplished by utilizing
control registers, accessed via the SPI interface.
1.3
SPI Protocol Block
The MCU interfaces to the device via the SPI interface.
Writing
to,
and
reading
from,
all
registers
is
accomplished using standard SPI read and write
commands, in addition to specialized SPI commands.
FIGURE 1-1:
BLOCK DIAGRAM
SPI
Interface
Logic
SPI
Bus
INT
CS
SCK
SI
SO
CAN
Protocol
Engine
RXCAN
TXCAN
Control Logic
RX0BF
RX1BF
TX0RTS
TX1RTS
TX2RTS
TX and RX Buffers
Masks and Filters
CAN Module
RESET
Timing
Generation
OSC1
OSC2
CLKOUT
Control
and
Interrupt
Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com