Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2515-I/ST Datasheet(PDF) 89 Page - Microchip Technology

Part # MCP2515-I/ST
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-I/ST Datasheet(HTML) 89 Page - Microchip Technology

Back Button MCP2515-I/ST Datasheet HTML 84Page - Microchip Technology MCP2515-I/ST Datasheet HTML 85Page - Microchip Technology MCP2515-I/ST Datasheet HTML 86Page - Microchip Technology MCP2515-I/ST Datasheet HTML 87Page - Microchip Technology MCP2515-I/ST Datasheet HTML 88Page - Microchip Technology MCP2515-I/ST Datasheet HTML 89Page - Microchip Technology MCP2515-I/ST Datasheet HTML 90Page - Microchip Technology MCP2515-I/ST Datasheet HTML 91Page - Microchip Technology MCP2515-I/ST Datasheet HTML 92Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 89
MCP2515
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP2515:
CAN Controller with SPI Interface
MCP2515T: CAN Controller with SPI Interface
(Tape and Reel)
Temperature
Range:
I= -40
C to +85C (Industrial)
E= -40
C to +125C (Extended)
Package:
P
=
Plastic DIP (300 mil Body), 18-Lead
SO
=
Plastic SOIC (300 mil Body), 18-Lead
ST
=
TSSOP, (4.4 mm Body), 20-Lead
ML
=
Plastic QFN, (4x4 mm Body), 20-Lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP2515-E/P:
Extended Temperature,
18LD PDIP package.
b)
MCP2515-I/P:
Industrial Temperature,
18LD PDIP package.
c)
MCP2515-E/SO: Extended Temperature,
18LD SOIC package.
d)
MCP2515-I/SO: Industrial Temperature,
18LD SOIC package.
e)
MCP2515T-I/SO: Tape and Reel,
Industrial Temperature,
18LD SOIC package.
f)
MCP2515-I/ST:
Industrial Temperature,
20LD TSSOP package.
g)
MCP2515T-I/ST: Tape and Reel,
Industrial Temperature,
20LD TSSOP package.
h)
MCP2515-E/ML: Extended Temperature,
20LD QFN package.
i)
MCP2515T-E/ML Tape and Reel,
Extended Temperature,
20LD QFN package.
j)
MCP2515-I/ML: Industrial Temperature,
20LD QFN package.
k)
MCP2515T-I/ML Tape and Reel,
Industrial Temperature,
20LD QFN package.
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com