Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2515-I/ST Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP2515-I/ST
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-I/ST Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP2515-I/ST Datasheet HTML 41Page - Microchip Technology MCP2515-I/ST Datasheet HTML 42Page - Microchip Technology MCP2515-I/ST Datasheet HTML 43Page - Microchip Technology MCP2515-I/ST Datasheet HTML 44Page - Microchip Technology MCP2515-I/ST Datasheet HTML 45Page - Microchip Technology MCP2515-I/ST Datasheet HTML 46Page - Microchip Technology MCP2515-I/ST Datasheet HTML 47Page - Microchip Technology MCP2515-I/ST Datasheet HTML 48Page - Microchip Technology MCP2515-I/ST Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 45
MCP2515
REGISTER 5-3:
CNF3 - CONFIGURATION 1 (ADDRESS: 28h)
R/W-0
R/W-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
SOF
WAKFIL
—
—
—
PHSEG22
PHSEG21
PHSEG20
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
SOF: Start-of-Frame signal bit
If CANCTRL.CLKEN = 1:
1
= CLKOUT pin enabled for SOF signal
0
= CLKOUT pin enabled for clockout function
If CANCTRL.CLKEN = 0, Bit is don’t care.
bit 6
WAKFIL: Wake-up Filter bit
1
= Wake-up filter enabled
0
= Wake-up filter disabled
bit 5-3
Unimplemented: Reads as ‘0’
bit 2-0
PHSEG2<2:0>: PS2 Length bits
(PHSEG2 + 1) x TQ
Minimum valid setting for PS2 is 2 TQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com