Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2515-I/ST Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2515-I/ST
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-I/ST Datasheet(HTML) 1 Page - Microchip Technology

  MCP2515-I/ST Datasheet HTML 1Page - Microchip Technology MCP2515-I/ST Datasheet HTML 2Page - Microchip Technology MCP2515-I/ST Datasheet HTML 3Page - Microchip Technology MCP2515-I/ST Datasheet HTML 4Page - Microchip Technology MCP2515-I/ST Datasheet HTML 5Page - Microchip Technology MCP2515-I/ST Datasheet HTML 6Page - Microchip Technology MCP2515-I/ST Datasheet HTML 7Page - Microchip Technology MCP2515-I/ST Datasheet HTML 8Page - Microchip Technology MCP2515-I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 1
MCP2515
Features:
• Implements CAN V2.0B at 1 Mb/s:
- 0 – 8 byte length in the data field
- Standard and extended data and remote
frames
• Receive Buffers, Masks and Filters:
- Two receive buffers with prioritized message
storage
- Six 29-bit filters
-Two 29-bit masks
• Data Byte Filtering on the First Two Data Bytes
(applies to standard data frames)
• Three Transmit Buffers with Prioritization and
Abort Features
• High-Speed SPI Interface (10 MHz):
- SPI modes 0,0 and 1,1
• One-Shot mode Ensures Message Transmission
is Attempted Only One Time
• Clock Out Pin with Programmable Prescaler:
- Can be used as a clock source for other
device(s)
• Start-of-Frame (SOF) Signal is Available for
Monitoring the SOF Signal:
- Can be used for time-slot-based protocols
and/or bus diagnostics to detect early bus
degradation
• Interrupt Output Pin with Selectable Enables
• Buffer Full Output Pins Configurable as:
- Interrupt output for each receive buffer
- General purpose output
• Request-to-Send (RTS) Input Pins Individually
Configurable as:
- Control pins to request transmission for each
transmit buffer
- General purpose inputs
• Low-Power CMOS Technology:
- Operates from 2.7V – 5.5V
- 5 mA active current (typical)
- 1 µA standby current (typical) (Sleep mode)
• Temperature Ranges Supported:
- Industrial (I): -40°C to +85°C
- Extended (E): -40°C to +125°C
Description
Microchip Technology’s MCP2515 is a stand-alone
Controller
Area
Network
(CAN)
controller
that
implements the CAN specification, version 2.0B. It is
capable of transmitting and receiving both standard
and extended data and remote frames. The MCP2515
has two acceptance masks and six acceptance filters
that are used to filter out unwanted messages, thereby
reducing the host MCU’s overhead. The MCP2515
interfaces with microcontrollers (MCUs) via an industry
standard Serial Peripheral Interface (SPI).
Package Types
16
5
TXCAN
RXCAN
VDD
RESET
CS
SO
1
2
3
4
18
17
16
15
SI
SCK
INT
RX0BF
14
13
12
11
RX1BF
10
OSC2
OSC1
CLKOUT/SOF
TX2RTS
5
6
7
8
Vss
9
TX0RTS
TX1RTS
TXCAN
RXCAN
TX0RTS
OSC1
CLKOUT/SOF
OSC2
CS
VDD
RESET
SO
SCK
INT
SI
RX0BF
RX1BF
VSS
TX1RTS
TX2RTS
NC
NC
13
12
1
2
3
4
5
6
7
8
9
20
19
18
17
16
15
14
11
10
18-Lead PDIP/SOIC
20-LEAD TSSOP
2
MCP2515
20-Lead 4x4 QFN*
NC
TX2RTS
TX0RTS
SO
SI
NC
SCK
TX1RTS
EP
20
1
19 18 17
3
4
14
13
12
11
678
9
21
10
15
CLKOUT
INT
* Includes Exposed Thermal
Pad (EP); see Table 1-1.
Stand-Alone CAN Controller with SPI Interface


Similar Part No. - MCP2515-I/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2515-I/ST MICROCHIP-MCP2515-I/ST Datasheet
1Mb / 84P
Stand-Alone CAN Controller With SPI??Interface
2005
More results

Similar Description - MCP2515-I/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2510 MICROCHIP-MCP2510 Datasheet
993Kb / 76P
Stand-Alone CAN Controller with SPI Interface
2000 - 2001
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
Stand-Alone CAN Controller With SPI??Interface
2005
MCP2510 MICROCHIP-MCP2510_07 Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
2007
ENC28J60 MICROCHIP-ENC28J60_06 Datasheet
1Mb / 96P
Stand-Alone Ethernet Controller with SPI Interface
2006
ENC28J60 MICROCHIP-ENC28J60_12 Datasheet
1Mb / 102P
Stand-Alone Ethernet Controller with SPI Interface
10/26/12
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515-E MICROCHIP-MCP2515-E Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
Stand-Alone CAN Controller With SPI Interface
10/05/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com