Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1752ACPZ-1.5-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1752ACPZ-1.5-R7
Description  0.8 A, Low VIN, Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1752ACPZ-1.5-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1752ACPZ-1.5-R7 Datasheet HTML 3Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 4Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 5Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 6Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 7Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 8Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 9Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 10Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADP1752/ADP1753
Rev. E | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 1.9 V, VOUT = 1.5 V, IOUT= 10 mA, CIN = 4.7 µF, COUT = 4.7 µF, TA = 25°C, unless otherwise noted.
1.520
1.515
1.510
1.505
1.500
1.495
1.490
1.485
1.480
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
LOAD = 10mA
LOAD = 100mA
LOAD = 400mA
LOAD = 800mA
Figure 5. Output Voltage vs. Junction Temperature
1.520
1.515
1.510
1.505
1.500
1.495
1.490
1.485
1.480
10
100
1k
LOAD CURRENT (mA)
Figure 6. Output Voltage vs. Load Current
1.520
1.515
1.510
1.505
1.500
1.495
1.490
1.485
1.480
1.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
INPUT VOLTAGE (V)
LOAD = 10mA
LOAD = 100mA
LOAD = 400mA
LOAD = 800mA
Figure 7. Output Voltage vs. Input Voltage
1000
900
800
700
600
500
400
300
200
100
0
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
LOAD = 10mA
LOAD = 100mA
LOAD = 400mA
LOAD = 800mA
Figure 8. Ground Current vs. Junction Temperature
1000
900
800
700
600
500
400
300
200
100
0
10
100
1k
LOAD CURRENT (mA)
Figure 9. Ground Current vs. Load Current
1000
900
800
700
600
500
400
300
200
100
0
1.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
INPUT VOLTAGE (V)
LOAD = 10mA
LOAD = 100mA
LOAD = 400mA
LOAD = 800mA
Figure 10. Ground Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com