Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1752ACPZ-1.5-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP1752ACPZ-1.5-R7
Description  0.8 A, Low VIN, Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1752ACPZ-1.5-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP1752ACPZ-1.5-R7 Datasheet HTML 12Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 13Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 14Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 15Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 16Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 17Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 18Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 19Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADP1752/ADP1753
Rev. E | Page 17 of 20
In cases where the board temperature is known, the thermal
characterization parameter, ΨJB, can be used to estimate the
junction temperature rise. Maximum junction temperature (TJ)
is calculated from the board temperature (TB) and power
dissipation (PD) using the following formula:
TJ = TB + (PD × ΨJB)
(7)
Figure 42 through Figure 45 show junction temperature calcula-
tions for different board temperatures, load currents, VIN to
VOUT differentials, and areas of PCB copper.
140
120
100
80
60
40
20
0
0.25
0.75
1.25
1.75
2.25
2.75
VIN – VOUT (V)
MAX JUNCTION
TEMPERATURE
LOAD = 800mA
LOAD = 100mA
LOAD = 50mA
LOAD = 10mA
LOAD = 400mA
LOAD = 200mA
Figure 42. 500 mm2 of PCB Copper, TB = 25°C, LFCSP
140
120
100
80
60
40
20
0
0.25
0.75
1.25
1.75
2.25
2.75
VIN – VOUT (V)
MAX JUNCTION
TEMPERATURE
LOAD = 800mA
LOAD = 400mA
LOAD = 200mA
LOAD = 100mA
LOAD = 50mA
LOAD = 10mA
Figure 43. 500 mm2 of PCB Copper, TB = 50°C, LFCSP
140
120
100
80
60
40
20
0
0.25
0.75
1.25
1.75
2.25
2.75
VIN – VOUT (V)
MAX JUNCTION
TEMPERATURE
LOAD = 800mA
LOAD = 400mA
LOAD = 200mA
LOAD = 100mA
LOAD = 50mA
LOAD = 10mA
Figure 44. 1000 mm2 of PCB Copper, TB = 25°C, LFCSP
140
120
100
80
60
40
20
0
0.25
0.75
1.25
1.75
2.25
2.75
VIN – VOUT (V)
MAX JUNCTION
TEMPERATURE
LOAD = 800mA
LOAD = 400mA
LOAD = 200mA
LOAD = 100mA
LOAD = 50mA
LOAD = 10mA
Figure 45. 1000 mm2 of PCB Copper, TB = 50°C, LFCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com