Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1752ACPZ-1.5-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP1752ACPZ-1.5-R7
Description  0.8 A, Low VIN, Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1752ACPZ-1.5-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADP1752ACPZ-1.5-R7 Datasheet HTML 1Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 2Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 3Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 4Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 5Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 6Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 7Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 8Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADP1752/ADP1753
Data Sheet
Rev. E | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Typical Application Circuits............................................................ 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Input and Output Capacitor, Recommended Specifications.. 4
Absolute Maximum Ratings............................................................ 5
Thermal Data ................................................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configurations and Function Descriptions ........................... 6
Typical Performance Characteristics ............................................. 7
Theory of Operation ...................................................................... 11
Soft Start Function (ADP1752/ADP1753) ............................. 11
Adjustable Output Voltage (ADP1753)................................... 12
Enable Feature ............................................................................ 12
Power-Good Feature.................................................................. 12
Reverse Current Protection Feature ........................................ 13
Applications Information .............................................................. 14
Capacitor Selection .................................................................... 14
Undervoltage Lockout ............................................................... 15
Current-Limit and Thermal Overload Protection................. 15
Thermal Considerations............................................................ 15
PCB Layout Considerations...................................................... 18
Outline Dimensions....................................................................... 19
Ordering Guide .......................................................................... 19
REVISION HISTORY
6/13—Rev. D to Rev. E
Changed Adjustable Output Voltage Option with Soft Start
(ADP1755) from 0.75 V to 3.0 V to 0.75 V to 3.3 V
(Throughout) .................................................................................... 1
Updated Outline Dimensions....................................................... 19
12/12—Rev. C to Rev. D
Added Junction Temperature of 150°C, Table 3........................... 5
9/12—Rev. B to Rev. C
Changes to Table 3............................................................................ 5
Changes to Ordering Guide .......................................................... 19
2/10—Rev. A to Rev. B
Changes to Table 4............................................................................ 5
Changes to Ordering Guide .......................................................... 19
4/09—Rev. 0 to Rev. A
Changes to Adjustable Output Voltage Accuracy (ADP1753)
Parameter, Table 1............................................................................. 3
Changes to Table 3............................................................................ 5
10/08—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com