Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1752ACPZ-1.5-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1752ACPZ-1.5-R7
Description  0.8 A, Low VIN, Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1752ACPZ-1.5-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1752ACPZ-1.5-R7 Datasheet HTML 4Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 5Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 6Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 7Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 8Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 9Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 10Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 11Page - Analog Devices ADP1752ACPZ-1.5-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADP1752/ADP1753
Data Sheet
Rev. E | Page 8 of 20
100
90
70
80
60
50
40
30
20
10
0
–40
85
60
35
10
–15
TEMPERATURE (°C)
1.9V
2.0V
2.4V
2.6V
3.0V
3.6V
Figure 11. Shutdown Current vs. Temperature at Various Input Voltages
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
1
10
100
1k
LOAD CURRENT (mA)
1.6V
2.5V
Figure 12. Dropout Voltage vs. Load Current, VOUT = 1.6 V, 2.5 V
2.60
2.55
2.50
2.45
2.40
2.35
2.30
2.25
2.20
2.3
2.4
2.5
2.6
2.7
2.8
INPUT VOLTAGE (V)
LOAD = 10mA
LOAD = 100mA
LOAD = 400mA
LOAD = 800mA
Figure 13. Output Voltage vs. Input Voltage (in Dropout), VOUT = 2.5 V
4500
4000
3500
3000
2500
2000
1500
1000
500
0
2.3
2.4
2.5
2.6
2.7
2.8
INPUT VOLTAGE (V)
LOAD = 10mA
LOAD = 100mA
LOAD = 400mA
LOAD = 800mA
Figure 14. Ground Current vs. Input Voltage (in Dropout), VOUT = 2.5 V
CH1
500mA Ω BW CH2 50mV BW M10µs
A CH1
380mA
1
2
T 10.20%
T
ILOAD
1mA TO 800mA LOAD STEP, 2.5A/µs, 500mA/DIV
VOUT
50mV/DIV
VIN = 3.6V
VOUT = 1.5V
Figure 15. Load Transient Response, CIN = 4.7 µF, COUT = 4.7 µF
CH1
500mA Ω BW CH2 20mV BW M10µs
A CH1
530mA
1
2
T 10.20%
T
ILOAD
1mA TO 800mA LOAD STEP, 2.5A/µs, 500mA/DIV
VOUT
20mV/DIV
VIN = 3.6V
VOUT = 1.5V
Figure 16. Load Transient Response, CIN = 22 µF, COUT = 22 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com