Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2302ARDZ-3.3-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP2302ARDZ-3.3-R7
Description  2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302ARDZ-3.3-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP2302ARDZ-3.3-R7 Datasheet HTML 1Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 2Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 3Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 4Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 5Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 8Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADP2302/ADP2303
Rev. A | Page 3 of 28
SPECIFICATIONS
VIN = 3.3 V, TJ = −40°C to +125°C for minimum/maximum specifications, and TA = 25°C for typical specifications, unless otherwise noted.
Table 1.
Parameters
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN
Voltage Range
VIN
3.0
20
V
Supply Current
IVIN
No switching, VIN = 12 V
720
950
μA
Shutdown Current
ISHDN
VEN = 0 V, VIN = 12 V
24
45
μA
Undervoltage Lockout Threshold
UVLO
VIN rising
2.7
2.9
V
VIN falling
2.2
2.4
V
FB
Regulation Voltage
VFB
ADP230xARDZ (adjustable)
0.788
0.8
0.812
V
ADP230xARDZ-2.5
2.463
2.5
2.538
V
ADP230xARDZ-3.3
3.25
3.3
3.35
V
ADP230xARDZ-5.0
4.925
5.0
5.075
V
Bias Current
IFB
ADP230xARDZ (adjustable)
0.01
0.1
μA
SW
On Resistance1
VBST − VSW = 5 V, ISW = 200 mA
80
120
160
Peak Current Limit
ADP2302, VBST − VSW = 5 V
2.7
3.5
4.4
A
ADP2303, VBST − VSW = 5 V
4.6
5.5
6.4
A
Leakage Current
VEN = VSW = 0 V, VIN = 12 V
0.1
5
μA
Minimum On Time
126
170
ns
Minimum Off Time
210
280
ns
OSCILLATOR FREQUENCY
fSW
595
700
805
kHz
SOFT START TIME
2048
Clock cycles
EN
Input Threshold
VEN
1.12
1.2
1.28
V
Input Hysteresis
100
mV
Pull-Down Current
1.2
μA
BOOTSTRAP VOLTAGE
VBOOT
VIN = 12 V
4.7
5.0
5.3
V
PGOOD
PGOOD Rising Threshold
82.5
87.5
92.5
%
PGOOD Hysteresis
2.5
%
PGOOD Deglitch Time2
32
Clock cycles
PGOOD Output Low Voltage
150
300
mV
PGOOD Leakage Current
VPGOOD = 5 V
0.1
1
μA
THERMAL SHUTDOWN
Threshold
Rising temperature
150
°C
Hysteresis
15
°C
1 Pin-to-Pin measurements.
2 Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com