Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2302ARDZ-3.3-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP2302ARDZ-3.3-R7
Description  2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302ARDZ-3.3-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP2302ARDZ-3.3-R7 Datasheet HTML 1Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 2Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 3Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 4Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 5Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 8Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADP2302/ADP2303
Rev. A | Page 5 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
BST 1
VIN 2
EN 3
PGOOD 4
SW
8
GND
7
NC
6
FB
5
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD SHOULD BE SOLDERED
TO AN EXTERNAL GROUND PLANE UNDERNEATH
THE IC FOR THERMAL DISSIPATION.
ADP2302
ADP2303
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration (Top View)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
BST
Bootstrap Supply for the High-Side MOSFET Driver. A 0.1 μF capacitor is connected between SW and BST to
provide a floating driver voltage for the power switch.
2
VIN
Power Input. Connect to the input power source with a ceramic bypass capacitor to GND directly from this
pin.
3
EN
Output Enable. Pull this pin high to enable the output. Pull this pin low to disable the output. This pin can
also be used as a programmable UVLO input. This pin has an internal 1.2 μA pull-down current to GND.
4
PGOOD
Power-Good Open-Drain Output.
5
FB
Feedback Voltage Sense Input. For the adjustable version, connect this pin to a resistive divider from VOUT. For
the fixed output version, connect this pin to VOUT directly.
6
NC
Used for internal testing. Connect to GND or leave this pin floating to ensure proper operation.
7
GND
Ground. Connect this pin to the ground plane.
8
SW
Switch Node Output. Connect an inductor to VOUT and a catch diode to GND from this pin.
9 (EPAD)
Exposed Pad
The exposed pad should be soldered to an external ground plane underneath the IC for thermal dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com