Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2302ARDZ-3.3-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP2302ARDZ-3.3-R7
Description  2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302ARDZ-3.3-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP2302ARDZ-3.3-R7 Datasheet HTML 17Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 18Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 19Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 20Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 21Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 22Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 23Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 24Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADP2302/ADP2303
Rev. A | Page 21 of 28
VIN
VOUT = 3.3V
3A
ADP2303
PGOOD
EN
BST
SW
FB
REN1
56kΩ
1%
CIN
10µF
25V
CBST
0.1µF
D
SSB43L
COUT1
47µF
6.3V
COUT2
47µF
6.3V
RTOP
31.6kΩ
1%
RBOT
10.2kΩ
1%
L
4.7µH
REN2
10.2kΩ
1%
RPGOOD
100kΩ
GND
VIN = 12V
Figure 51. Schematic for the Design Example
Table 11. Recommended External Components for Typical Applications at 2 A/3 A Output Load
Part Number
VIN (V)
VOUT (V)
ILOAD(max) (A)
L (μH)
COUT
RTOP (kΩ), ±1%
RBOT (kΩ), ±1%
ADP2302
18
3.3
2
6.8
2 × 22 μF
31.6
10.2
18
5.0
2
10
2 × 22 μF
52.3
10
12
1.5
2
4.7
2 × 47 μF
10
11.3
12
1.8
2
4.7
3 × 22 μF
12.7
10.2
12
2.5
2
4.7
3 × 22 μF
21.5
10.2
12
3.3
2
6.8
2 × 22 μF
31.6
10.2
12
5.0
2
6.8
2 × 22 μF
52.3
10
5
1.5
2
3.3
2 × 47 μF
10
11.3
5
1.8
2
3.3
2 × 47 μF
12.7
10.2
5
2.5
2
3.3
2 × 22 μF
21.5
10.2
ADP2303
18
3.3
3
4.7
2 × 47 μF
31.6
10.2
18
5.0
3
6.8
47 μF
52.3
10
12
1.5
3
2.5
3 × 47 μF
10
11.3
12
1.8
3
3.3
3 × 47 μF
12.7
10.2
12
2.5
3
3.3
2 × 47 μF
21.5
10.2
12
3.3
3
4.7
2 × 47 μF
31.6
10.2
12
5.0
3
4.7
47 μF
52.3
10
5
1.5
3
2.2
3 × 47 μF
10
11.3
5
1.8
3
2.2
3 × 47 μF
12.7
10.2
5
2.5
3
2.2
3 × 47 μF
21.5
10.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com