Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2302ARDZ-3.3-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP2302ARDZ-3.3-R7
Description  2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302ARDZ-3.3-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP2302ARDZ-3.3-R7 Datasheet HTML 16Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 17Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 18Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 19Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 20Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 21Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 22Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 23Page - Analog Devices ADP2302ARDZ-3.3-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADP2302/ADP2303
Data Sheet
Rev. A | Page 20 of 28
DESIGN EXAMPLE
This section provides the procedures to select the external compo-
nents, based on the example specifications listed in Table 10.
The schematic for this design example is shown in Figure 51.
Because the output current is 3 A, the ADP2303 is chosen for
this application.
Table 10. Step-Down DC-to-DC Regulator Requirements
Parameter
Specification
Additional
Requirements
Input Voltage, VIN
12.0 V ± 10%
None
Output Voltage, VOUT
3.3 V, 3 A, 1% VOUT ripple
at full load condition
None
Programmable
UVLO Voltage
VIN start-up voltage
approximately 7.8 V
None
PGOOD
Not used
None
CATCH DIODE SELECTION
Select the catch diode. A Schottky diode is recommended for best
efficiency because it has a low forward voltage drop and faster
switching speed. The average current of the catch diode in
normal operation, with a typical Schottky diode forward
voltage, can be calculated using the following equation:
(max)
)
(
1
LOAD
D
IN
D
OUT
AVG
DIODE
I
V
V
V
V
I


where:
VOUT = 3.3 V.
VIN = 12 V.
ILOAD(max) = 3 A.
VD = 0.4 V.
Therefore, IDIODE(AVG) = 2.1 A.
In this case, selecting a SSB43L, 4.0 A, 30 V surface-mount
Schottky diode results in more reliable operation.
INDUCTOR SELECTION
Select the inductor by using the following equation:



D
IN
D
OUT
sw
LOAD
OUT
IN
V
V
V
V
f
I
V
V
L
(max)
3
.
0
where:
VOUT = 3.3 V.
VIN = 12 V.
ILOAD(max) = 3 A.
VD = 0.4 V.
fSW = 700 kHz.
This results in L = 4.12 μH. The closest standard value is 4.7 μH;
therefore, ΔIRIPPLE = 0.7 A.
The inductor peak current is calculated using the following
equation:
2
(max)
RIPPLE
LOAD
PEAK
I
I
I
where:
ILOAD(max) = 3 A.
ΔIRIPPLE = 0.7 A.
The calculated peak current for the inductor is 3.4 A. Therefore,
in this application, select VLF10040T-4R7N5R4 as the inductor.
OUTPUT CAPACITOR SELECTION
Select the output capacitor based on the minimum output
voltage ripple requirement, according to the following equation:


OUT
C
OUT
sw
RIPPLE
RIPPLE
ESR
C
f
I
V
8
1
where:
ΔIRIPPLE = 0.7 A.
fSW = 700 kHz.
ΔVRIPPLE = 33 mV (1% of output voltage).
If ESR of the ceramic capacitor is 3 mΩ, then COUT = 4 μF.
Because the output capacitor is one of two external components
that control the loop stability and according to the recommended
external components in Table 11, choose two 47 μF capacitor
with a 6.3 V voltage rating in this application.
RESISTIVE VOLTAGE DIVIDER SELECTION
The output feedback resistive voltage divider is


BOT
TOP
OUT
R
R
V
1
V
800
.
0
For the 3.3 V output voltage, choose RTOP = 31.6 kΩ and
RBOT = 10.2 kΩ as the feedback resistive voltage divider
according to the recommended values in Table 11.
The resistive voltage divider for the programmable VIN start-up
voltage is
V
2
.
1
μA
2
.
1
V
2
.
1


EN1
EN2
STARTUP
R
R
V
If VSTARTUP = 7.8 V, choose REN2 = 10.2 kΩ, and then calculate
REN1, which, in this case, is 56 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com