Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP160ACBZ-1.2-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP160ACBZ-1.2-R7
Description  Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP160ACBZ-1.2-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP160ACBZ-1.2-R7 Datasheet HTML 2Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 3Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 4Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 5Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 6Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 7Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 9Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADP160/ADP161/ADP162/ADP163
Data Sheet
Rev. G | Page 6 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
ADP160/
ADP162
TOP VIEW
(Not to Scale)
1
2
3
5
4
VOUT
NC
VIN
GND
EN
Figure 4. 5-Lead TSOT, Fixed Output Pin Configuration, ADP160/ADP162
Table 5. 5-Lead TSOT Pin Function Descriptions, ADP160/ADP162
Pin No.
Mnemonic
Description
1
VIN
Regulator Input Supply. Bypass VIN to GND with a 1 μF or greater capacitor.
2
GND
Ground.
3
EN
Enable Input. Drive EN high to turn on the regulator; drive EN low to turn off the regulator. For automatic startup,
connect EN to VIN.
4
NC
No Connect. This pin is not connected internally. Connect this pin to GND or leave open.
5
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 1 μF or greater capacitor.
ADP161/
ADP163
TOP VIEW
(Not to Scale)
1
2
3
5
4
VOUT
ADJ
VIN
GND
EN
Figure 5. 5-Lead TSOT, Adjustable Output Pin Configuration, ADP161/ADP163
Table 6. 5-Lead TSOT Pin Function Descriptions, ADP161/ADP163
Pin No.
Mnemonic
Description
1
VIN
Regulator Input Supply. Bypass VIN to GND with a 1 μF or greater capacitor.
2
GND
Ground.
3
EN
Enable Input. Drive EN high to turn on the regulator; drive EN low to turn off the regulator. For automatic startup,
connect EN to VIN.
4
ADJ
Output Voltage Adjust Pin. Connect the midpoint of the voltage divider between VOUT and GND to this pin to set
the output voltage.
5
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 1 μF or greater capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com