Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP160ACBZ-1.2-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP160ACBZ-1.2-R7
Description  Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP160ACBZ-1.2-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP160ACBZ-1.2-R7 Datasheet HTML 9Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 10Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 11Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 12Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 14Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 15Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 16Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADP160/ADP161/ADP162/ADP163
Rev. G | Page 13 of 24
To minimize quiescent current in the ADP161 and ADP163
Analog Devices, Inc., recommends using high values of
resistance for R1 and R2. Using a value of 1 MΩ for R2 keeps
the total, no load quiescent current below 2 µA. Note however,
that high value of resistance introduces a small output voltage
error. For example, assuming R1 and R2 are 1 MΩ, the output
voltage is 2 V. Taking into account the nominal ADJ pin bias
current of 10 nA, the output voltage error is 0.25%.
Note that in shutdown, the output is turned off and the divider
current is zero.
The ADP160/ADP161 also include an output discharge resistor to
force the output voltage to zero when the LDO is disabled. This
ensures that the output of the LDO is always in a well-defined state,
whether it is enabled or not. The ADP162/ADP163 do not
include the output discharge function.
The ADP160/ADP162 are available in 15 output voltage options,
ranging from 1.2 V to 4.2 V. The ADP16x use the EN pin to enable
and disable the VOUT pin under normal operating conditions.
When EN is high, VOUT turns on, and when EN is low, VOUT
turns off. For automatic startup, EN can be tied to VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com