Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP160ACBZ-1.2-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP160ACBZ-1.2-R7
Description  Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP160ACBZ-1.2-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP160ACBZ-1.2-R7 Datasheet HTML 4Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 5Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 6Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 7Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 9Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 10Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 11Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADP160/ADP161/ADP162/ADP163
Data Sheet
Rev. G | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.8 V, VOUT = 3.3 V, IOUT = 1 mA, CIN = COUT = 1 µF, TA = 25°C, unless otherwise noted.
3.35
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
LOAD = 1µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 150mA
Figure 7. Output Voltage (VOUT) vs. Junction Temperature
3.35
3.25
3.27
3.29
3.31
3.33
3.26
3.28
3.30
3.32
3.34
0.001
0.01
1000
100
10
1
0.1
ILOAD (mA)
Figure 8. Output Voltage (VOUT) vs. Load Current (ILOAD)
3.35
3.25
3.27
3.29
3.31
3.33
3.26
3.28
3.30
3.32
3.34
3.7
5.5
5.3
5.1
4.9
4.7
4.5
4.3
4.1
3.9
VIN (V)
LOAD = 1µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 150mA
Figure 9. Output Voltage (VOUT) vs. Input Voltage (VIN)
100
0.1
1
10
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
LOAD = 1µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 150mA
NO LOAD
Figure 10. Ground Current vs. Junction Temperature
100
0.1
1
10
0.001
0.01
1000
100
10
1
0.1
ILOAD (mA)
Figure 11. Ground Current vs. Load Current (ILOAD)
100
0.1
1
10
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
VIN (V)
LOAD = 1µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 150mA
NO LOAD
Figure 12. Ground Current vs. Input Voltage (VIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com