Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP160ACBZ-1.2-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP160ACBZ-1.2-R7
Description  Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP160ACBZ-1.2-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP160ACBZ-1.2-R7 Datasheet HTML 1Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 2Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 3Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 4Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 5Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 6Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 7Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP160ACBZ-1.2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Ultralow Quiescent Current,
150 mA, CMOS Linear Regulators
Data Sheet
ADP160/ADP161/ADP162/ADP163
Rev. G
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultralow quiescent current
IQ = 560 nA with 0 μA load
IQ = 860 nA with 1 μA load
Stable with 1 μF ceramic input and output capacitors
Maximum output current: 150 mA
Input voltage range: 2.2 V to 5.5 V
Low shutdown current: <50 nA typical
Low dropout voltage: 195 mV @ 150 mA load
Initial accuracy: ±1%
Accuracy over line, load, and temperature: ±3.5%
15 fixed output voltage options: 1.2 V to 4.2 V
Adjustable output available
PSRR performance of 72 dB @ 100 Hz
Current limit and thermal overload protection
Logic-control enable
Integrated output discharge resistor
5-lead TSOT package
4-ball, 0.5 mm pitch WLCSP
APPLICATIONS
Mobile phones
Digital cameras and audio devices
Portable and battery-powered equipment
Post dc-to-dc regulation
Portable medical devices
TYPICAL APPLICATION CIRCUITS
NC = NO CONNECT
ADP160/ADP162
1
2
3
5
4
1µF
1µF
VOUT = 1.8V
VIN = 2.3V
VOUT
NC
VIN
GND
EN
OFF
ON
Figure 1. 5-Lead TSOT ADP160/ADP162 with Fixed Output Voltage, 1.8 V
1
2
3
5
4
1µF
1µF
VOUT = 3.2V
VIN = 4.2V
VOUT
ADJ
VIN
GND
EN
OFF
ON
ADP161/ADP163
R1
R2
Figure 2. 5-Lead TSOT ADP161/ADP163 with Adjustable Output Voltage, 3.2 V
VIN
VOUT
12
EN
GND
1µF
1µF
VOUT = 2.8V
VIN = 3.3V
TOP VIEW
(Not to Scale)
ADP160/ADP162
A
B
OFF
ON
Figure 3. 4-Ball WLCSP ADP160/ADP162 with Fixed Output Voltage, 2.8 V
GENERAL DESCRIPTION
The ADP160/ADP161/ADP162/ADP163 are ultralow quiescent
current, low dropout, linear regulators that operate from 2.2 V
to 5.5 V and provide up to 150 mA of output current. The low
195 mV dropout voltage at 150 mA load improves efficiency and
allows operation over a wide input voltage range.
The ADP16x are specifically designed for stable operation with a
tiny 1 μF ± 30% ceramic input and output capacitors to meet
the requirements of high performance, space-constrained
applications.
The ADP160 is available in 15 fixed output voltage options,
ranging from 1.2 V to 4.2 V. The ADP160/ADP161 also include
a switched resistor to discharge the output automatically when
the LDO is disabled. The ADP162 is identical to the ADP160
but does not include the output discharge function.
The ADP161and ADP163 are available as adjustable output voltage
regulators. They are only available in a 5-lead TSOT package.
The ADP163 is identical to the ADP161 but does not include
the output discharge function.
Short-circuit and thermal overload protection circuits prevent
damage in adverse conditions. The ADP160 and ADP162 are
available in a tiny 5-lead TSOT and a 4-ball, 0.5 mm pitch
WLCSP package for the smallest footprint solution to meet a
variety of portable power applications.


Similar Part No. - ADP160ACBZ-1.2-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP160ACBZ-1.2-R7 AD-ADP160ACBZ-1.2-R7 Datasheet
513Kb / 20P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
More results

Similar Description - ADP160ACBZ-1.2-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP121 AD-ADP121 Datasheet
986Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP150 AD-ADP150 Datasheet
620Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP160 AD-ADP160 Datasheet
513Kb / 20P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP150_VA AD-ADP150_VA Datasheet
580Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
logo
Texas Instruments
TPS76601 TI1-TPS76601_13 Datasheet
1Mb / 24P
ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
logo
Analog Devices
ADP170 AD-ADP170 Datasheet
538Kb / 20P
300 mA, Low Quiescent Current, CMOS Linear Regulators
REV. B
ADP150 AD-ADP150_13 Datasheet
603Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
logo
Texas Instruments
TPS76615 TI1-TPS76615_16 Datasheet
1Mb / 24P
ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS7B6933 TI1-TPS7B6933 Datasheet
1Mb / 21P
150-mA, 40-V Ultralow-Quiescent-Current LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com