Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8000HIL Datasheet(PDF) 9 Page - Alpha & Omega Semiconductors

Part # AOZ8000HIL
Description  Ultra-Low Capacitance TVS Diode Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8000HIL Datasheet(HTML) 9 Page - Alpha & Omega Semiconductors

Back Button AOZ8000HIL Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 13Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AOZ8000
Rev. 2.4 July 2010
www.aosmd.com
Page 9 of 15
Package Dimensions, SOT23-6L
E1
E
A
A2
A1
e
e1
D
.010mm
0.80
0.95
0.63
2.40
b
L
c
Gauge Plane
Seating Plane
0.25mm
θ1
Notes:
1. Package body sizes exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 5 mils each.
2. Dimension “L” is measured in gauge plane.
3. Tolerance
±0.100mm (4 mil) unless otherwise specified.
4. Followed from JEDEC MO-178C & MO-193C.
6. Controlling dimension is millimeter. Converted inch dimensions are not necessarily exact.
Symbols
A
A1
A2
b
c
D
E
E1
e
e1
L
θ1
Dimensions in millimeters
Min.
0.90
0.00
0.80
0.30
0.08
2.70
2.50
1.50
0.30
0
°
Nom.
—
—
1.10
0.40
0.13
2.90
2.80
1.60
0.95 BSC
1.90 BSC
—
—
Max.
1.25
0.15
1.20
0.50
0.20
3.10
3.10
1.70
0.60
8
°
Symbols
A
A1
A2
b
c
D
E
E1
e
e1
L
θ1
Min.
0.035
0.00
0.031
0.012
0.003
0.106
0.098
0.059
0.012
0
°
Nom.
—
—
0.043
0.016
0.005
0.114
0.110
0.063
0.037 BSC
0.075 BSC
—
—
Max.
0.049
0.006
0.047
0.020
0.008
0.122
0.122
0.067
0.024
8
°
Dimensions in inches
UNIT: mm
RECOMMENDED LAND PATTERN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com