Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8000HIL Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOZ8000HIL
Description  Ultra-Low Capacitance TVS Diode Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8000HIL Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOZ8000HIL Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev. 2.4 July 2010
www.aosmd.com
Page 1 of 15
AOZ8000
Ultra-Low Capacitance TVS Diode Array
General Description
The AOZ8000 is a transient voltage suppressor array
designed to protect high speed data lines from ESD and
lightning.
This device incorporates eight surge rated, low capaci-
tance steering diodes and a TVS in a single package.
During transient conditions, the steering diodes direct
the transient to either the positive side of the power
supply line or to ground. They may be used to meet the
ESD immunity requirements of IEC 61000-4-2, Level 4.
The TVS diodes provide effective suppression of ESD
voltages: ±15kV (air discharge) and ±8kV (contact
discharge).
The AOZ8000 comes in SOT-23, DFN-6, and SC-70
packages. They are compatible with both lead free and
SnPb assembly techniques. The small size, low capaci-
tance and high ESD protection makes it ideal for protect-
ing high speed video and data communication interfaces.
Features
ESD protection for high-speed data lines:
IEC 61000-4-2, level 4 (ESD) immunity test
±15kV (air discharge) and ±8kV (contact discharge)
IEC 61000-4-5 (Lightning) 5A (8/20µs)
Human Body Model (HBM) ±15kV
Small package saves board space
Low insertion loss
Protects four I/O lines
Low capacitance between I/O lines: 0.9pF
Low clamping voltage
Low operating voltage: 5.0V
Applications
USB 2.0 power and data line protection
Video graphics cards
Monitors and flat panel displays
Digital Video Interface (DVI)
10/100/1000 Ethernet
Notebook computers
Typical Application
Figure 1. 2 USB High Speed Ports
+5V
RT
VBUS
AOZ8000
USB Host
Controller
Downstream
Ports
VBUS
D+
D-
GND
RT
+5V
RT
VBUS
D+
D-
GND
RT


Similar Part No. - AOZ8000HIL

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8000HI AOSMD-AOZ8000HI Datasheet
94Kb / 4P
Plastic Encapsulated Device
More results

Similar Description - AOZ8000HIL

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8802A AOSMD-AOZ8802A Datasheet
365Kb / 9P
Ultra-Low Capacitance TVS Diode Array
AOZ8005FI AOSMD-AOZ8005FI Datasheet
646Kb / 14P
Ultra-Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC08DT3 LEIDITECH-ULC08DT3 Datasheet
133Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC3324P10 LEIDITECH-ULC3324P10 Datasheet
542Kb / 4P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
logo
Alpha & Omega Semicondu...
AOZ8300 AOSMD-AOZ8300 Datasheet
184Kb / 7P
Ultra-Low Capacitance TVS Diode Array
logo
HUAYI MICROELECTRONICS ...
HYE0505F HUAYI-HYE0505F Datasheet
1Mb / 5P
Ultra-Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC12TN LEIDITECH-ULC12TN Datasheet
1Mb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC24CTN LEIDITECH-ULC24CTN Datasheet
1Mb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC33CT8 LEIDITECH-ULC33CT8 Datasheet
2Mb / 7P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC0542P3 LEIDITECH-ULC0542P3 Datasheet
703Kb / 5P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com