Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8000HIL Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOZ8000HIL
Description  Ultra-Low Capacitance TVS Diode Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8000HIL Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOZ8000HIL Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AOZ8000
Rev. 2.4 July 2010
www.aosmd.com
Page 3 of 15
Electrical Characteristics
Notes:
3. These specifications are guaranteed by design.
4. The working peak reverse voltage, VRWM, should be equal to or greater than the DC or continuous peak operating voltage level.
5. VBR is measured at the pulse test current IT.
6. Measurements performed with no external capacitor on VP (pin 5 floating).
7. Measurements performed with VP biased to 3.3 Volts (pin 5 @ 3.3V).
8. Measurements performed using a 100ns Transmission Line Pulse (TLP) system.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VRWM
Reverse Working Voltage
Between pin 5 and 2(4)
5.5
V
VBR
Reverse Breakdown Voltage
IT = 1mA, between pins 5 and 2(5)
6.6
V
IR
Reverse Leakage Current
VRWM = 5V, between pins 5 and 2
0.1
µA
VF
Diode Forward Voltage
IF = 15mA
0.70
0.85
1
V
VCL
Channel Clamp Voltage
Positive Transients
Negative Transient
IPP = 1A, tp = 100ns, any I/O pin to
Ground(3)(6)(8)
10.0
-3.0
V
V
Channel Clamp Voltage
Positive Transients
Negative Transient
IPP = 5A, tp = 100ns, any I/O pin to
Ground(3)(6)(8)
11
-6.0
V
V
Channel Clamp Voltage
Positive Transients
Negative Transient
IPP = 12A, tp = 100ns, any I/O pin to
Ground(3)(6)(8)
15.0
-10.0
V
V
Cj
Junction Capacitance
VR = 0V, f = 1MHz, any I/O pin to Ground(3)(6)
1.85
1.94
pF
VR = 0V, f = 1MHz, between I/O pins(3)(6)
0.9
0.94
pF
VR = 0V, f = 1MHz, any I/O pin to Ground(3)(7)
1.0
1.17
pF
ΔCj
Channel Input Capacitance
Matching
VR = 0V, f = 1MHz, between I/O pins(3)(6)
0.03
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com