Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8000HIL Datasheet(PDF) 13 Page - Alpha & Omega Semiconductors

Part # AOZ8000HIL
Description  Ultra-Low Capacitance TVS Diode Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8000HIL Datasheet(HTML) 13 Page - Alpha & Omega Semiconductors

Back Button AOZ8000HIL Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 14Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 15Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AOZ8000
Rev. 2.4 July 2010
www.aosmd.com
Page 13 of 15
Package Dimensions, DFN 2 x 2 (Page 3 of 3)
Notes:
1. Dimensioning and tolerances conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters. All angles are in degrees.
3. The terminal #1 identifier and terminal numbering convention shall conform to JESD 95-1 SPP-012. Details of terminal #1
are optional, but must be located within the zone indicated. The terminal #1 identifier may be a molded, marked, or metalized
feature.
4. Dimension b apply to metallized terminal and is measured between 0.15mm and 0.20mm from terminal tip.
5. Coplanarity applies to the exposed heat sink slug as well as the terminal.
6. Profile tolerance (aaa) will be applicable only to the plastic body, and not to the metallized fetures (such as terminal tips and tie bars.)
Metallized features may protrude a maximum of L2 from the plastic body profile.
7. Corners will be sharp unless otherwise specified with radius dimensions.
8. This feature applies to both ends of the package.
9. If L1 max. is not called out, the metalized feature will extend to the exposed pad. Thus, the 0.17mm gap does not apply.
Symbols
A
A1
A2
A3
b
D
E
e
E4
E2
D4
D2
L
L1
L2
R
R1
R2
aaa
bbb
ccc
ddd
eee
θ
Dimensions in millimeters
Min.
0.80
0.00
0.65
0.15
0.18
0.56
0.84
0.21
0.52
0.20
—
0
°
Nom.
0.90
0.025
0.70
0.20
0.20
2.0 BSC
2.0 BSC
0.65 BSC
0.66
0.94
0.31
0.62
0.29
—
—
0.075 REF
0.075 REF
—
0.10
0.10
0.10
0.05
0.08
10
°
Max.
1.00
0.05
0.75
0.25
0.28
0.76
1.04
0.41
0.72
0.45
0.125
12
°
Symbols
A
A1
A2
A3
b
D
E
e
E4
E2
D4
D2
L
L1
L2
R
R1
R2
aaa
bbb
ccc
ddd
eee
θ
Min.
0.031
0.000
0.026
0.006
0.007
0.022
0.033
0.008
0.020
0.008
—
0
°
Nom.
0.035
0.001
0.028
0.008
0.008
0.079 BSC
0.079 BSC
0.026 BSC
0.026
0.037
0.012
0.024
0.011
—
—
0.003 REF
0.003 REF
—
0.004
0.004
0.004
0.002
0.003
10
°
Max.
0.039
0.002
0.030
0.010
0.011
0.030
0.041
0.016
0.028
0.018
0.005
12
°
Dimensions in inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com