Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8420FS Datasheet(PDF) 4 Page - Analog Devices

Part # DAC8420FS
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420FS Datasheet(HTML) 4 Page - Analog Devices

  DAC8420FS Datasheet HTML 1Page - Analog Devices DAC8420FS Datasheet HTML 2Page - Analog Devices DAC8420FS Datasheet HTML 3Page - Analog Devices DAC8420FS Datasheet HTML 4Page - Analog Devices DAC8420FS Datasheet HTML 5Page - Analog Devices DAC8420FS Datasheet HTML 6Page - Analog Devices DAC8420FS Datasheet HTML 7Page - Analog Devices DAC8420FS Datasheet HTML 8Page - Analog Devices DAC8420FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DAC8420
Rev. B | Page 4 of 24
Parameter
Symbol
Condition
Min
Typ
Max
Unit
SUPPLY CHARACTERISTICS
Power Supply Sensitivity
PSRR
0.002
0.01
%/%
Positive Supply Current
IDD
4
7
mA
Negative Supply Current
ISS
−6
−3
mA
Power Dissipation
PDISS
VSS = 0 V
20
35
mW
1 Typical values indicate performance measured at 25°C.
2 All supplies can be varied ±5% and operation is guaranteed. Device is tested with VDD = 4.75 V.
3 For single-supply operation (VVREFLO = 0 V, VSS = 0 V), due to internal offset errors INL and DNL are measured beginning at Code 0x005.
4 Guaranteed, but not tested.
5 Operation is guaranteed over this reference range, but linearity is neither tested nor guaranteed.
6 VOUT swing between +2.5 V and −2.5 V with VDD = 5.0 V.
7 All input control signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com