Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8420FS Datasheet(PDF) 1 Page - Analog Devices

Part # DAC8420FS
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420FS Datasheet(HTML) 1 Page - Analog Devices

  DAC8420FS Datasheet HTML 1Page - Analog Devices DAC8420FS Datasheet HTML 2Page - Analog Devices DAC8420FS Datasheet HTML 3Page - Analog Devices DAC8420FS Datasheet HTML 4Page - Analog Devices DAC8420FS Datasheet HTML 5Page - Analog Devices DAC8420FS Datasheet HTML 6Page - Analog Devices DAC8420FS Datasheet HTML 7Page - Analog Devices DAC8420FS Datasheet HTML 8Page - Analog Devices DAC8420FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Quad 12-Bit Serial
Voltage Output DAC
DAC8420
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Guaranteed monotonic over temperature
Excellent matching between DACs
Unipolar or bipolar operation
Buffered voltage outputs
High speed serial digital interface
Reset-to-zero scale or midscale
Wide supply range, +5 V only to ±15 V
Low power consumption (35 mW maximum)
Available in 16-Lead PDIP, SOIC, and CERDIP packages
APPLICATIONS
Software controlled calibration
Servo controls
Process control and automation
ATE
FUNCTIONAL BLOCK DIAGRAM
9
GND
16
15
4
8
14
13
11
12
10
5
1
2
3
6
7
REG
D
DAC D
REG
C
DAC C
REG
B
DAC B
REG
A
DAC A
SHIFT
REGISTER
DECODE
SDI
CS
CLK
NC
LD
CLSEL CLR
VREFLO
VSS
VOUTA
VOUTB
VOUTC
VOUTD
VREFHI
VDD
12
4
2
DAC8420
Figure 1.
GENERAL DESCRIPTION
The DAC8420 is a quad, 12-bit voltage-output DAC with serial
digital interface in a 16-lead package. Utilizing BiCMOS tech-
nology, this monolithic device features unusually high circuit
density and low power consumption. The simple, easy-to-use
serial digital input and fully buffered analog voltage outputs
require no external components to achieve a specified per-
formance.
The 3-wire serial digital input is easily interfaced to micro-
processors running at 10 MHz with minimal additional
circuitry. Each DAC is addressed individually by a 16-bit
serial word consisting of a 12-bit data word and an address
header. The user-programmable reset control CLR forces all
four DAC outputs to either zero scale or midscale,
asynchronously overriding the current DAC register values. The
output voltage range, determined by the inputs VREFHI and
VREFLO, is set by the user for positive or negative unipolar or
bipolar signal swings within the supplies, allowing considerable
design flexibility.
The DAC8420 is available in 16-lead PDIP, SOIC, and CERDIP
packages. Operation is specified with supplies ranging from
+5 V only to ±15 V, with references of +2.5 V to ±10 V, respec-
tively. Power dissipation when operating from ±15 V supplies is
less than 255 mW (maximum) and only 35 mW (maximum)
with a +5 V supply.


Similar Part No. - DAC8420FS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8420FS AD-DAC8420FS Datasheet
587Kb / 16P
Quad 12-Bit Serial Voltage Output DAC
REV.0
DAC8420FS AD-DAC8420FS Datasheet
511Kb / 23P
Quad 12-Bit Serial Voltage Output DAC
9/2016-Rev. B to Rev. C
DAC8420FSZ AD-DAC8420FSZ Datasheet
511Kb / 23P
Quad 12-Bit Serial Voltage Output DAC
9/2016-Rev. B to Rev. C
DAC8420FSZ-REEL AD-DAC8420FSZ-REEL Datasheet
511Kb / 23P
Quad 12-Bit Serial Voltage Output DAC
9/2016-Rev. B to Rev. C
More results

Similar Description - DAC8420FS

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
Quad 12-bit Serial Input Voltage Output DAC
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
12-bit Serial Input Voltage Output DAC
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
Quad 12-Bit Serial Voltage Output DAC
REV.0
logo
Maxim Integrated Produc...
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5312 MAXIM-MAX5312 Datasheet
1Mb / 19P
-10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
logo
Analog Devices
AD5726 AD-AD5726 Datasheet
523Kb / 20P
Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
4/07-Revision 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
Quad 12-Bit Serial Voltage Output DAC
9/2016-Rev. B to Rev. C
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com