Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8420FS Datasheet(PDF) 3 Page - Analog Devices

Part # DAC8420FS
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420FS Datasheet(HTML) 3 Page - Analog Devices

  DAC8420FS Datasheet HTML 1Page - Analog Devices DAC8420FS Datasheet HTML 2Page - Analog Devices DAC8420FS Datasheet HTML 3Page - Analog Devices DAC8420FS Datasheet HTML 4Page - Analog Devices DAC8420FS Datasheet HTML 5Page - Analog Devices DAC8420FS Datasheet HTML 6Page - Analog Devices DAC8420FS Datasheet HTML 7Page - Analog Devices DAC8420FS Datasheet HTML 8Page - Analog Devices DAC8420FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
DAC8420
Rev. B | Page 3 of 24
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS1
@ VDD = +5.0 V ± 5%, VSS = 0 V, VVREFHI = +2.5 V, VVREFLD = 0 V, and VSS = −5.0 V ± 5%, VVREFLO = −2.5 V, −40°C ≤ TA ≤ +85°C unless
otherwise noted.2
Table 1.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
STATIC ACCURACY
Integral Linearity E Grade
INL
±¼
±1
LSB
Integral Linearity E Grade
INL
VSS = 0 V3
±½
±3
LSB
Integral Linearity F Grade
INL
±¾
±2
LSB
Integral Linearity F Grade
INL
VSS = 0 V3
±1
±4
LSB
Differential Linearity
DNL
Monotonic over temperature
±¼
±1
LSB
Zero-Scale Error
ZSE
RL = 2 kΩ, VSS = −5 V
±4
LSB
Full-Scale Error
FSE
RL = 2 kΩ, VSS = −5 V
±4
LSB
Zero-Scale Error
ZSE
RL = 2 kΩ, VSS = 0 V3
±8
LSB
Full-Scale Error
FSE
RL = 2 kΩ, VSS = 0 V3
±8
LSB
Zero-Scale Temperature Coefficient
TCZSE
RL = 2 kΩ, VSS = −5 V4
±10
ppm/°C
Full-Scale Temperature Coefficient
TCFSE
RL = 2 kΩ, VSS = −5 V4
±10
ppm/°C
MATCHING PERFORMANCE
Linearity Matching
±1
LSB
REFERENCE
Positive Reference Input Range5
VVREFHI
VVREFLO + 2.5
VDD − 2.5
V
Negative Reference Input Range5
VVREFLO
VSS
VVREFHI − 2.5
V
Negative Reference Input Range
VVREFLO
VSS = 0 V5
0
VVREFHI − 2.5
V
Reference High Input Current
IVREFHI
Code 0x000, Code 0x555
−0.75
±0.25
+0.75
mA
Reference Low Input Current
IVREFLO
Code 0x000, Code 0x555, VSS = −5 V
−1.0
−0.6
mA
AMPLIFIER CHARACTERISTICS
Output Current
IOUT
VSS = −5 V
−1.25
+1.25
mA
Settling Time
tS
To 0.01%6
8
μs
Slew Rate
SR
10% to 90%6
1.5
V/μs
LOGIC CHARACTERISTICS
Logic Input High Voltage
VINH
2.4
V
Logic Input Low Voltage
VINL
0.8
V
Logic Input Current
IIN
10
μA
Input Capacitance4
CIN
13
pF
LOGIC TIMING CHARACTERISTICS4, 7
Data Setup Time
tDS
25
ns
Data Hold
tDH
55
ns
Clock Pulse Width High
tCH
90
ns
Clock Pulse Width Low
tCL
120
ns
Select Time
tCSS
90
ns
Deselect Delay
tCSH
5
ns
Load Disable Time
tLD1
130
ns
Load Delay
tLD2
35
ns
Load Pulse Width
tLDW
80
ns
Clear Pulse Width
tCLRW
150
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com