Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8420FS Datasheet(PDF) 5 Page - Analog Devices

Part # DAC8420FS
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420FS Datasheet(HTML) 5 Page - Analog Devices

  DAC8420FS Datasheet HTML 1Page - Analog Devices DAC8420FS Datasheet HTML 2Page - Analog Devices DAC8420FS Datasheet HTML 3Page - Analog Devices DAC8420FS Datasheet HTML 4Page - Analog Devices DAC8420FS Datasheet HTML 5Page - Analog Devices DAC8420FS Datasheet HTML 6Page - Analog Devices DAC8420FS Datasheet HTML 7Page - Analog Devices DAC8420FS Datasheet HTML 8Page - Analog Devices DAC8420FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DAC8420
Rev. B | Page 5 of 24
@ VDD = +15.0 V ± 5%, VSS = −15.0 V ± 5%, VVREFHI = +10.0 V, VVREFLO = −10.0 V, −40°C ≤ TA ≤ +85°C unless otherwise noted.1, 2
Table 2.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
STATIC ACCURACY
Integral Linearity E Grade
INL
±¼
±½
LSB
Integral Linearity F Grade
INL
±½
±1
LSB
Differential Linearity
DNL
Monotonic over temperature
±¼
±1
LSB
Zero-Scale Error
ZSE
RL = 2 kΩ
±2
LSB
Full-Scale Error
FSE
RL = 2 kΩ
±2
LSB
Zero-Scale Temperature Coefficient
TCZSE
RL = 2 kΩ3
±4
ppm/°C
Full-Scale Temperature Coefficient
TCFSE
RL = 2 kΩ3
±4
ppm/°C
MATCHING PERFORMANCE
Linearity Matching
±1
LSB
REFERENCE
Positive Reference Input Range4
VVREFHI
VVREFLO + 2.5
VDD − 2.5
V
Negative Reference Input Range4
VVREFLO
−10
VVREFHI − 2.5
V
Reference High Input Current
IVREFHI
Code 0x000, Code 0x555
−2.0
±1.0
+2.0
mA
Reference Low Input Current
IVREFLO
Code 0x000, Code 0x555
−3.5
−2.0
mA
AMPLIFIER CHARACTERISTICS
Output Current
IOUT
−5
+5
mA
Settling Time
tS
To 0.01%5
13
μs
Slew Rate
SR
10% to 90%5
2
V/μs
DYNAMIC PERFORMANCE
Analog Crosstalk3
>64
dB
Digital Feedthrough3
>72
dB
Large Signal Bandwidth
3 dB, VVREFHI = 5 V + 10 V p-p, VVREFLO = −10 V3
90
kHz
Glitch Impulse
Code Transition = 0x7FF to 0x8003
6
μV-s
LOGIC CHARACTERISTICS
Logic Input High Voltage
VINH
2.4
V
Logic Input Low Voltage
VINL
0.8
V
Logic Input Current
IIN
10
μA
Input Capacitance3
CIN
13
pF
LOGIC TIMING CHARACTERISTICS3, 6
Data Setup Time
tDS
25
ns
Data Hold
tDH
20
ns
Clock Pulse Width High
tCH
30
ns
Clock Pulse Width Low
tCL
50
ns
Select Time
tCSS
55
ns
Deselect Delay
tCSH
15
ns
Load Disable Time
tLD1
40
ns
Load Delay
tLD2
15
ns
Load Pulse Width
tLDW
45
ns
Clear Pulse Width
tCLRW
70
ns
SUPPLY CHARACTERISTICS
Power Supply Sensitivity
PSRR
0.002
0.01
%/%
Positive Supply Current
IDD
6
9
mA
Negative Supply Current
ISS
−8
−5
mA
Power Dissipation
PDISS
255
mW
1 Typical values indicate performance measured at 25°C.
2 All supplies can be varied ±5% and operation is guaranteed.
3 Guaranteed, but not tested.
4 Operation is guaranteed over this reference range, but linearity is neither tested nor guaranteed.
5 VOUT swing between +10 V and −10 V.
6 All input control signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com