Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4524CSETRT Datasheet(PDF) 12 Page - Samtec, Inc

Part # SC4524CSETRT
Description  28V 2A Step-Down Switching Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SC4524CSETRT Datasheet(HTML) 12 Page - Samtec, Inc

Back Button SC4524CSETRT Datasheet HTML 8Page - Samtec, Inc SC4524CSETRT Datasheet HTML 9Page - Samtec, Inc SC4524CSETRT Datasheet HTML 10Page - Samtec, Inc SC4524CSETRT Datasheet HTML 11Page - Samtec, Inc SC4524CSETRT Datasheet HTML 12Page - Samtec, Inc SC4524CSETRT Datasheet HTML 13Page - Samtec, Inc SC4524CSETRT Datasheet HTML 14Page - Samtec, Inc SC4524CSETRT Datasheet HTML 15Page - Samtec, Inc SC4524CSETRT Datasheet HTML 16Page - Samtec, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
SC4524C
2
Applications Information (Cont.)
Output Capacitor
The output ripple voltage DV
O of a buck converter can be
expressed as


x
x
+
x
D
=
D
O
SW
L
O
C
F
8

ESR
I
V
where C
O is the output capacitance.
Since the inductor ripple current DI
L increases as D
decreases (see first Inductor selection equation), the
output ripple voltage is therefore the highest when V
IN is
at its maximum.
A 0µF to 47µF X5R ceramic capacitor is found adequate
for output filtering in most applications. Ripple current
in the output capacitor is not a concern because the
inductor current of a buck converter directly feeds C
O,
resulting in very low ripple current. Avoid using Z5U
and Y5V ceramic capacitors for output filtering because
these types of capacitors have high temperature and high
voltage coefficients.
Freewheeling Diode
Use of Schottky barrier diodes as freewheeling rectifiers
reduces diode reverse recovery input current spikes,
easing high-side current sensing in the SC4524C. These
diodes should have an average forward current rating
at least 2A and a reverse blocking voltage of at least a
few volts higher than the input voltage. For switching
regulators operating at low duty cycles (i.e. low output
voltage to input voltage conversion ratios), it is beneficial
to use freewheeling diodes with somewhat higher
average current ratings (thus lower forward voltages). This
is because the diode conduction interval is much longer
than that of the transistor. Converter efficiency will be
improved if the voltage drop across the diode is lower.
The 20BQ030 (International Rectifier), B230A (Diodes
Inc.), SS3, SS23 (Vishay), CMSH-40M, CMSH-40ML and
CMSH2-40M (Central-Semi.) are all suitable.
The freewheeling diode should be placed close to the SW
pin of the SC4524C on the PCB to minimize ringing due to
trace inductance.
Bootstrapping the Power Transistor
The typical minimum BST-SW voltage required to fully
saturate the power transistor is shown in Figure 5, which
is about .96V at room temperature.
Minimum Bootstrap Voltage
vs Temperature
1.6
1.7
1.8
1.9
2.0
2.1
2.2
-50 -25
0
25
50
75 100 125
Temperature (oC)
ISW=-2.6A
Figure 5 — Typical Minimum Bootstrap Voltage
required to Saturate Transistor (I
SW= -2.6A)
The BST-SW voltage is supplied by a bootstrap circuit
powered from either the input or the output of the
converter (Figure 6(a), 6(b) and 6(c)). To maximize
efficiency, tie the bootstrap diode to the converter output
if V
O > 2.5V as shown in Figure 6(a) and 6(c). Since the
bootstrap supply current is proportional to the converter
load current, using a lower voltage to power the bootstrap
circuit reduces driving loss and improves efficiency.
The bootstrap diode D
 can be a fast switching PN diode
(N448 or N94) if V
O falls between 3V and 8V as shown
in Figure 6(a). If the converter output voltage is between
2.5V and 3V or higher than 8V, then use a low forward drop
Schottky diode (BAT54 or similar) for D
 (Figure 6(c)). If VO
is less than 2.5V, then it will be necessary to bootstrap the
SC4524C from V
IN (Figure 6(b)). If bootstrapping from VIN
> 20V, then connect a Zener diode D
3 in series with D to
reduce the voltage stress at the BST pin. Figure 6(b) shows
this configuration for V
IN > 20V. If bootstrapping from VIN <
20V, then D
 alone will suffice. D is a PN junction diode as
in Figure 6(a).
A small ceramic capacitor (0.33uF - 0.47uF) is adequate for
bootstrapping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com