Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4524CSETRT Datasheet(PDF) 15 Page - Samtec, Inc

Part # SC4524CSETRT
Description  28V 2A Step-Down Switching Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SC4524CSETRT Datasheet(HTML) 15 Page - Samtec, Inc

Back Button SC4524CSETRT Datasheet HTML 11Page - Samtec, Inc SC4524CSETRT Datasheet HTML 12Page - Samtec, Inc SC4524CSETRT Datasheet HTML 13Page - Samtec, Inc SC4524CSETRT Datasheet HTML 14Page - Samtec, Inc SC4524CSETRT Datasheet HTML 15Page - Samtec, Inc SC4524CSETRT Datasheet HTML 16Page - Samtec, Inc SC4524CSETRT Datasheet HTML 17Page - Samtec, Inc SC4524CSETRT Datasheet HTML 18Page - Samtec, Inc SC4524CSETRT Datasheet HTML 19Page - Samtec, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
SC4524C
5
Therefore, the procedure of the voltage loop design for
the SC4524C can be summarized as:
() Plot the converter gain, i.e. control to feedback transfer
function.
(2) Select the open loop crossover frequency, F
C, between
0% and 20% of the switching frequency. At F
C, find the
required compensator gain, A
C. In typical applications with
ceramic output capacitors, the ESR zero is neglected and
the required compensator gain at F
C can be estimated by


x
π
x
x
−
=
O
FB
O
C
S
CA
C
V
V
C
F
2

R
G

log
20
A
(3) Place the compensator zero, F
Z, between 0% and
20% of the crossover frequency, F
C.
(4) Use the compensator pole, F
P, to cancel the ESR zero, FZ.
(5) Then, the parameters of the compensation network
can be calculated by
7

Z
5
R
F
2

C
π
=
7

P
8
R
F
2

C
π
=
m
7
g
0
R
20
C
A
=
where g
m=0.3mA/V is the EA gain of the SC4524C.
Example: Determine the voltage compensator for an
800kHz, 2V to 3.3V/2A converter with 22uF ceramic
output capacitor.
Choose a loop gain crossover frequency of 80kHz, and
place voltage compensator zero and pole at F
Z=6kHz
(20% of F
C), and FP=600kHz. From the equation in step
(2), the required compensator gain at F
C is
Then the compensator parameters are
k
0
0
R
3
7
20
=
x
=
−
nF
0
0
6
2

C
3
3
5
=
π
=
pF
2
0
0
600
2

C
3
3
8
=
π
=
k
2.4
0
0.3
R
3
7
20
.4
=
−
0
0
6
2
C
3
3
5
=
π
pF
0
0
600
2
C
3
3
8
=
π
x
x
x
x
x
x
x
x
2.4
0.8
2.4
Select R
7=2.4k, C5=nF, and C8=22pF for the design.
Compensator parameters for various typical applications
are listed in Table 5. A MathCAD program is also available
upon request for detailed calculation of the compensator
parameters.
Thermal Considerations
For the power transistor inside the SC4524C, the
conduction loss P
C, the switching loss PSW, and bootstrap
circuit loss P
BST, can be estimated as follows:
O
CESAT
C
I
V
D
P
x
=
SW
O
IN
S
SW
F
I
V
t
2

P =
40
I
V
D
P
O
BST
BST =
x
x
x
x x
x
x
whereV
BST is the BST supply voltage and tS is the equivalent
switching time of the NPN transistor (see Table 4).
1A
2A
12V
12.5ns
15.3ns
24V
22ns
25ns
28V
25.3ns
28ns
Load Current
Input Voltage
Table 4. Typical switching time
In addition, the quiescent current loss is
P
Q=VINx2mA
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com