Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4524CSETRT Datasheet(PDF) 13 Page - Samtec, Inc

Part # SC4524CSETRT
Description  28V 2A Step-Down Switching Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SC4524CSETRT Datasheet(HTML) 13 Page - Samtec, Inc

Back Button SC4524CSETRT Datasheet HTML 9Page - Samtec, Inc SC4524CSETRT Datasheet HTML 10Page - Samtec, Inc SC4524CSETRT Datasheet HTML 11Page - Samtec, Inc SC4524CSETRT Datasheet HTML 12Page - Samtec, Inc SC4524CSETRT Datasheet HTML 13Page - Samtec, Inc SC4524CSETRT Datasheet HTML 14Page - Samtec, Inc SC4524CSETRT Datasheet HTML 15Page - Samtec, Inc SC4524CSETRT Datasheet HTML 16Page - Samtec, Inc SC4524CSETRT Datasheet HTML 17Page - Samtec, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
SC4524C
3
Applications Information (Cont.)
D1
SC4524C
BST
GND
IN
SW
D1
C1
VIN
D2
(a)
3V<VO<8V
D1
(b)
SC4524C
BST
GND
IN
SW
C1
VIN
D2
D3
D2
D3
D3
VO<2.5V
(C)
SC4524C
BST
GND
IN
SW
C1
VIN
D2
2.5V<VO<3V
orVO>8V
Figures 6 — Methods of Bootstrapping the SC4524C
Minimum Soft-start Capacitance CSS
To ensure normal operation, the minimum soft-start
capacitance C
SS can be calculated in terms of the output
capacitance C
O and output load current IO according to
the following equations.
Substituting the first equation into the second equation,
where V
SS is the soft-start capacitor voltage and ISS is the
soft-start charging current. V
 is the voltage defined in
Figure 2.
To ensure successful startup, the total current drawn
from the output must be less than the maximum output
capability of the part,
Substituting the third equation of this section into the
previous equation,
Rearranging,
Therefore the minimum C
SS depends on the output
capacitance and the load current. Larger C
SS is necessary
when starting into a heavy load (small R).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com