Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4524CSETRT Datasheet(PDF) 18 Page - Samtec, Inc

Part # SC4524CSETRT
Description  28V 2A Step-Down Switching Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SC4524CSETRT Datasheet(HTML) 18 Page - Samtec, Inc

Back Button SC4524CSETRT Datasheet HTML 14Page - Samtec, Inc SC4524CSETRT Datasheet HTML 15Page - Samtec, Inc SC4524CSETRT Datasheet HTML 16Page - Samtec, Inc SC4524CSETRT Datasheet HTML 17Page - Samtec, Inc SC4524CSETRT Datasheet HTML 18Page - Samtec, Inc SC4524CSETRT Datasheet HTML 19Page - Samtec, Inc SC4524CSETRT Datasheet HTML 20Page - Samtec, Inc SC4524CSETRT Datasheet HTML 21Page - Samtec, Inc SC4524CSETRT Datasheet HTML 22Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
SC4524C
8
Typical Application Schematics
D3
SC4524C
GND
IN
SW
BST
L1
8.2 H
C1
0.33 F
SS/EN
COMP
FB
D2
20BQ030
66.5k
R6
33.2k
10nF
C8
47pF
C5
3.3nF
L1:Coiltronics DR73-8R2
OUT
1.5V/2A
D1
1N4148
24V
ROSC
C2:MurataGRM31CR60J226K
C4
4.7 F
C4:MurataGRM32ER71H475K
VIN
C2
22 F
C7
R4
69.8k
R5
5.49k
R7
18VZener
Figure 10. 300kHz 24V to 1.5V/2A Step-down Converter
SC4524C
GND
IN
SW
BST
L1
8.2 H
C1
0.33 F
SS/EN
COMP
FB
D2
20BQ030
14.3k
R6
33.2k
10nF
C8
33pF
C5
1nF
L1:Coiltronics DR73-8R2
OUT
3.3V/2A
D1
1N4148
10V– 26V
ROSC
C2:MurataGRM31CR60J226M
C4
4.7 F
C4:MurataGRM32ER71H475K
VIN
C2
22 F
C7
R4
25.5k
R5
10.7k
R7
Figure 11. 700kHz 10V-26V to 3.3V/2A Step-down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com