Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F407IGH6 Datasheet(PDF) 142 Page - STMicroelectronics

Part # STM32F407IGH6
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IGH6 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button STM32F407IGH6 Datasheet HTML 138Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 139Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 140Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 141Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 142Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 143Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 144Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 145Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 185 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
142/185
DocID022152 Rev 4
Synchronous waveforms and timings
Figure 59 through Figure 62 represent synchronous waveforms and Table 80 through
Table 82 provide the corresponding timings. The results shown in these tables are obtained
with the following FSMC configuration:
•
BurstAccessMode = FSMC_BurstAccessMode_Enable;
•
MemoryType = FSMC_MemoryType_CRAM;
•
WriteBurst = FSMC_WriteBurst_Enable;
•
CLKDivision = 1; (0 is not supported, see the STM32F40xxx/41xxx reference manual)
•
DataLatency = 1 for NOR Flash; DataLatency = 0 for PSRAM
In all timing tables, the THCLK is the HCLK clock period (with maximum
FSMC_CLK = 60 MHz).
th(NE_NWE)
FSMC_NWE high to FSMC_NE high hold time
THCLK
-ns
tv(A_NE)
FSMC_NEx low to FSMC_A valid
-
0
ns
tv(NADV_NE)
FSMC_NEx low to FSMC_NADV low
1
2
ns
tw(NADV)
FSMC_NADV low time
THCLK– 2
THCLK+ 1
ns
th(AD_NADV)
FSMC_AD(address) valid hold time after
FSMC_NADV high)
THCLK–2
-
ns
th(A_NWE)
Address hold time after FSMC_NWE high
THCLK
-ns
th(BL_NWE)
FSMC_BL hold time after FSMC_NWE high
THCLK–2
-
ns
tv(BL_NE)
FSMC_NEx low to FSMC_BL valid
-
1.5
ns
tv(Data_NADV) FSMC_NADV high to Data valid
-
THCLK–0.5
ns
th(Data_NWE)
Data hold time after FSMC_NWE high
THCLK
-ns
1. CL = 30 pF.
2. Based on characterization, not tested in production.
Table 78. Asynchronous multiplexed PSRAM/NOR write timings(1)(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com