Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F407IGH6 Datasheet(PDF) 144 Page - STMicroelectronics

Part # STM32F407IGH6
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IGH6 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button STM32F407IGH6 Datasheet HTML 140Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 141Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 142Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 143Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 144Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 145Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 146Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 147Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 185 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
144/185
DocID022152 Rev 4
Figure 60. Synchronous multiplexed PSRAM write timings
th(CLKH-ADV)
FSMC_A/D[15:0] valid data after FSMC_CLK high
0
-
ns
tsu(NWAIT-CLKH) FSMC_NWAIT valid before FSMC_CLK high
4
-
ns
th(CLKH-NWAIT) FSMC_NWAIT valid after FSMC_CLK high
0
-
ns
1. CL = 30 pF.
2. Based on characterization, not tested in production.
Table 80. Synchronous multiplexed PSRAM write timings(1)(2)
Symbol
Parameter
Min
Max
Unit
tw(CLK)
FSMC_CLK period
2THCLK
-ns
td(CLKL-NExL)
FSMC_CLK low to FSMC_NEx low (x=0..2)
-
1
ns
td(CLKL-NExH) FSMC_CLK low to FSMC_NEx high (x= 0…2)
1
-
ns
td(CLKL-NADVL) FSMC_CLK low to FSMC_NADV low
-
0
ns
td(CLKL-NADVH) FSMC_CLK low to FSMC_NADV high
0
-
ns
td(CLKL-AV)
FSMC_CLK low to FSMC_Ax valid (x=16…25)
-
0
ns
Table 79. Synchronous multiplexed NOR/PSRAM read timings(1)(2) (continued)
FSMC_CLK
FSMC_NEx
FSMC_NADV
FSMC_A[25:16]
FSMC_NWE
FSMC_AD[15:0]
AD[15:0]
D1
D2
FSMC_NWAIT
(WAITCFG = 0b, WAITPOL + 0b)
tw(CLK)
tw(CLK)
Data latency = 0
BUSTURN = 0
td(CLKL-NExL)
td(CLKL-NExH)
td(CLKL-NADVL)
td(CLKL-AV)
td(CLKL-NADVH)
td(CLKL-AIV)
td(CLKL-NWEH)
td(CLKL-NWEL)
td(CLKL-NBLH)
td(CLKL-ADV)
td(CLKL-ADIV)
td(CLKL-Data)
tsu(NWAITV-CLKH)
th(CLKH-NWAITV)
ai14992g
td(CLKL-Data)
FSMC_NBL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com