Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F407IGH6 Datasheet(PDF) 147 Page - STMicroelectronics

Part # STM32F407IGH6
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IGH6 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button STM32F407IGH6 Datasheet HTML 143Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 144Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 145Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 146Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 147Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 148Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 149Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 150Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 185 page
background image
DocID022152 Rev 4
147/185
STM32F405xx, STM32F407xx
Electrical characteristics
PC Card/CompactFlash controller waveforms and timings
Figure 63 through Figure 68 represent synchronous waveforms, and Table 83 and Table 84
provide the corresponding timings. The results shown in this table are obtained with the
following FSMC configuration:
•
COM.FSMC_SetupTime = 0x04;
•
COM.FSMC_WaitSetupTime = 0x07;
•
COM.FSMC_HoldSetupTime = 0x04;
•
COM.FSMC_HiZSetupTime = 0x00;
•
ATT.FSMC_SetupTime = 0x04;
•
ATT.FSMC_WaitSetupTime = 0x07;
•
ATT.FSMC_HoldSetupTime = 0x04;
•
ATT.FSMC_HiZSetupTime = 0x00;
•
IO.FSMC_SetupTime = 0x04;
•
IO.FSMC_WaitSetupTime = 0x07;
•
IO.FSMC_HoldSetupTime = 0x04;
•
IO.FSMC_HiZSetupTime = 0x00;
•
TCLRSetupTime = 0;
•
TARSetupTime = 0.
In all timing tables, the THCLK is the HCLK clock period.
Table 82. Synchronous non-multiplexed PSRAM write timings(1)(2)
1. CL = 30 pF.
2. Based on characterization, not tested in production.
Symbol
Parameter
Min
Max Unit
tw(CLK)
FSMC_CLK period
2THCLK
-ns
td(CLKL-NExL)
FSMC_CLK low to FSMC_NEx low (x=0..2)
-
1
ns
td(CLKL-NExH)
FSMC_CLK low to FSMC_NEx high (x= 0…2)
1
-
ns
td(CLKL-NADVL)
FSMC_CLK low to FSMC_NADV low
-
7
ns
td(CLKL-NADVH)
FSMC_CLK low to FSMC_NADV high
6
-
ns
td(CLKL-AV)
FSMC_CLK low to FSMC_Ax valid (x=16…25)
-
0
ns
td(CLKL-AIV)
FSMC_CLK low to FSMC_Ax invalid (x=16…25)
6
-
ns
td(CLKL-NWEL)
FSMC_CLK low to FSMC_NWE low
-
1
ns
td(CLKL-NWEH)
FSMC_CLK low to FSMC_NWE high
2
-
ns
td(CLKL-Data)
FSMC_D[15:0] valid data after FSMC_CLK low
-
3
ns
td(CLKL-NBLH)
FSMC_CLK low to FSMC_NBL high
3
-
ns
tsu(NWAIT-CLKH) FSMC_NWAIT valid before FSMC_CLK high
4
-
ns
th(CLKH-NWAIT)
FSMC_NWAIT valid after FSMC_CLK high
0
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com