Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151C8T6 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32L151C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8T6 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32L151C8T6 Datasheet HTML 57Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 58Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 59Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 60Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 61Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 62Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 63Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 64Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 121 page
background image
STM32L151x6/8/B, STM32L152x6/8/B
Electrical characteristics
Doc ID 17659 Rev 8
61/121
Table 23.
Typical and maximum current consumptions in Standby mode
Symbol
Parameter
Conditions
Typ(1)
Max
(1)(2)
Unit
IDD
(Standby
with RTC)
Supply current in Standby
mode with RTC enabled
RTC clocked by LSI (no
independent watchdog)
TA = -40 °C to 25 °C
VDD = 1.8 V
0.9
TA = -40 °C to 25 °C
1.1
1.8
µA
TA = 55 °C
1.42
2.5
TA= 85 °C
1.87
3
TA = 105 °C
2.78
5
RTC clocked by LSE (no
independent watchdog)(3)
TA = -40 °C to 25 °C
VDD = 1.8 V
1
TA = -40 °C to 25 °C
1.33
2.9
TA = 55 °C
1.59
3.4
TA= 85 °C
2.01
4.3
TA = 105 °C
3.27
6.3
IDD
(Standby)
Supply current in Standby
mode with RTC disabled
Independent watchdog and
LSI enabled
TA = -40 °C to 25 °C
1.1
1.6
Independent watchdog and
LSI OFF
TA = -40 °C to 25 °C
0.3
0.55
TA = 55 °C
0.5
0.8
TA = 85 °C
1
1.7
TA = 105 °C
2.5
4(4)
IDD (WU
from
Standby)
RMS supply current during
wakeup time when exiting
from Standby mode
VDD = 3.0 V
TA = -40 °C to 25 °C
1µA
1.
The typical values are given for VDD = 3.0 V and max values are given for VDD = 3.6 V, unless otherwise specified.
2.
Based on characterization, not tested in production, unless otherwise specified.
3.
Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8pF
loading capacitors.
4.
Tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com